Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F280200 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F280200
Description  Piccolo Microcontrollers
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F280200 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320F280200 Datasheet HTML 6Page - Texas Instruments TMS320F280200 Datasheet HTML 7Page - Texas Instruments TMS320F280200 Datasheet HTML 8Page - Texas Instruments TMS320F280200 Datasheet HTML 9Page - Texas Instruments TMS320F280200 Datasheet HTML 10Page - Texas Instruments TMS320F280200 Datasheet HTML 11Page - Texas Instruments TMS320F280200 Datasheet HTML 12Page - Texas Instruments TMS320F280200 Datasheet HTML 13Page - Texas Instruments TMS320F280200 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 129 page
background image
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
SPRS523I – NOVEMBER 2008 – REVISED JULY 2012
www.ti.com
Table 2-2. TERMINAL FUNCTIONS(1) (continued)
TERMINAL
I/O/Z
DESCRIPTION
PT
DA
NAME
PIN #
PIN #
CPU AND I/O POWER
VDDA
11
22
Analog Power Pin. Tie with a 2.2-µF capacitor (typical) close to the pin.
VSSA
Analog Ground Pin
12
23
I
VREFLO
ADC Low Reference (always tied to ground)
VDD
32
1
CPU and Logic Digital Power Pins – no supply source needed when using internal
VREG. Tie with 1.2 µF (minimum) ceramic capacitor (10% tolerance) to ground when
using internal VREG. Higher value capacitors may be used, but could impact supply-
VDD
43
11
rail ramp-up time.
Digital I/O and Flash Power Pin – Single Supply source when VREG is enabled. Tie
VDDIO
35
4
with a 2.2-µF capacitor (typical) close to the pin.
VSS
33
2
Digital Ground Pins
VSS
44
12
VOLTAGE REGULATOR CONTROL SIGNAL
Internal VREG Enable/Disable. Pull low to enable the internal voltage regulator
VREGENZ
34
3
I
(VREG), pull high to disable VREG.
GPIO AND PERIPHERAL SIGNALS (1)
GPIO0
29
37
I/O/Z
General-purpose input/output 0
EPWM1A
O
Enhanced PWM1 Output A and HRPWM channel
GPIO1
28
36
I/O/Z
General-purpose input/output 1
EPWM1B
O
Enhanced PWM1 Output B
COMP1OUT
O
Direct output of Comparator 1
GPIO2
37
5
I/O/Z
General-purpose input/output 2
EPWM2A
O
Enhanced PWM2 Output A and HRPWM channel
GPIO3
38
6
I/O/Z
General-purpose input/output 3
EPWM2B
O
Enhanced PWM2 Output B
COMP2OUT
O
Direct output of Comparator 2 (available in 48-pin device only)
GPIO4
39
7
I/O/Z
General-purpose input/output 4
EPWM3A
O
Enhanced PWM3 output A and HRPWM channel
GPIO5
40
8
I/O/Z
General-purpose input/output 5
EPWM3B
O
Enhanced PWM3 output B
ECAP1
I/O
Enhanced Capture input/output 1
GPIO6
41
9
I/O/Z
General-purpose input/output 6
EPWM4A
O
Enhanced PWM4 output A and HRPWM channel
EPWMSYNCI
I
External ePWM sync pulse input
EPWMSYNCO
O
External ePWM sync pulse output
(1)
The GPIO function (shown in bold italics) is the default at reset. The peripheral signals that are listed under them are alternate functions.
For JTAG pins that have the GPIO functionality multiplexed, the input path to the GPIO block is always valid. The output path from the
GPIO block and the path to the JTAG block from a pin is enabled/disabled based on the condition of the TRST signal. See the
TMS320x2802x/TMS320F2802xx Piccolo System Control and Interrupts Reference Guide (literature number SPRUFN3) for details.
10
Introduction
Copyright © 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200


Similar Part No. - TMS320F280200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F280200 TI-TMS320F280200 Datasheet
1Mb / 130P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280200 TI1-TMS320F280200 Datasheet
423Kb / 15P
[Old version datasheet]   LAUNCHXL-F28027 C2000 Piccolo LaunchPad
TMS320F280200 TI1-TMS320F280200 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F280200 TI1-TMS320F280200 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280200 TI1-TMS320F280200 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results

Similar Description - TMS320F280200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com