Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD Datasheet(PDF) 2 Page - Texas Instruments

Part # STD
Description  TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 2 Page - Texas Instruments

  STD Datasheet HTML 1Page - Texas Instruments STD Datasheet HTML 2Page - Texas Instruments STD Datasheet HTML 3Page - Texas Instruments STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Background
www.ti.com
3
Sample 1% Resistor Values for Common LDO Output Voltages
..................................................... 3
4
Bill of Materials
............................................................................................................. 13
1
Background
The Texas Instruments TPS54120 EVM (PWR103) helps design engineers evaluate the operation and
performance of the TPS54120 (Switcher + LDO) for possible use in their own circuit application. This
particular EVM configuration contains all of the external components required for a low noise 1A solution
with internal thermal and current limit shutdowns, and enable circuitry in a 3.5mm x 5.5mm, QFN,
thermally enhanced PowerPad
™ package.
The power input of the IC (PVIN) is rated for 1.6V to 17V while the control input (VIN) is rated for 4.5 to
17V. The TPS54120 provides both inputs but this EVM is designed and tested using the PVIN connected
to VIN with a minimum input voltage of 7V. Rated input voltage and output current range for the evaluation
module are given in Table 1. This evaluation module is designed to demonstrate the small
printed-circuit-board areas that may be achieved when designing with the TPS54120 device. The
switching frequency is externally set at a nominal 480 KHz.
The integrated switcher (SW) and LDO are optimized to allow the TPS54120 to achieve high efficiencies
and a low output noise. The compensation components are external to the integrated circuit (IC), and an
external divider allows for an adjustable LDO output voltage from 0.8V to 6V. Additionally, the TPS54120
provides adjustable slow start, tracking and enable inputs. The TPS54120, including other external
components that is capable of delivering up to 1A low noise supply to the load.
Table 1. EVM Specifications
EVM
Input Voltage
SW Output Voltage
LDO Output Voltage
Output Current
TPS54120
7-17V
4.1V
3.3V
0-1A
2
Setup
This section describes the jumpers and connectors on the EVM as well as how to properly connect, setup
and use the TPS54120EVM.
2.1
Input and Output Connections and Jumper Descriptions
J1-LDO OUT
& J2-GND: The output of the LDO and the ground connector. Default setting is 3.3V.
This is the low noise output from the TPS54120.
J3-VIN
& J4-GND: Input power supply voltage and the ground connector. The positive input lead and
ground return lead from the input power supply should be twisted and kept as short as possible to
minimize EMI transmission. Additional bulk capacitance should be added across J3
& J4 if the supply
leads are greater than six inches. For example, an additional 47
µF electrolytic capacitor across J3 & J4
can improve the transient response of the TPS54120 while eliminating unwanted ringing on the input
due to long wire connections.
J5: SMA connector for the output voltage of the LDO. The connector for J5 is not populated on the
TPS54120EVM (PWR103). This footprint allows the mounting of an SMA-style connector for more
accurate PSRR measurements.
J7-SW OUT
& J6-GND: The output of the SW and the ground connector. This is the output voltage
from the switcher converter and the input voltage to the LDO. Default setting is 4.1V
J8: SMA connector for the output voltage of the SW. The connector for J8 is not populated on the
TPS54120EVM (PWR103). This footprint allows the mounting of an SMA-style connector for more
accurate PSRR measurements.
JP1-LDOEN: LDO enable. To enable the output of the LDO, connect this jumper from the center pin to
the
“on” pin. This will connect the enable pin to the LDO input supply. To disable connect this jumper
from the center pin to the
“off” pin. This will short the LDO enable pin to ground.
JP2: The jumper connection between the output of the switcher converter to the LDO input. A shorting
jumper is required for normal operation. If you want to disconnect the LDO from the SW, remove the
shorting jumper wire.
2
TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
SLVU641
– January 2012
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated


Similar Part No. - STD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
Std TI1-Std Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
STD TI1-STD Datasheet
454Kb / 11P
[Old version datasheet]   TPS63000EVM-148
STD TI1-STD Datasheet
1Mb / 26P
[Old version datasheet]   a Phase-Dimmable, Primary-Side Regulated LED Driver
STD TI1-STD Datasheet
466Kb / 13P
[Old version datasheet]   TPS75005EVM-023
Std TI1-Std Datasheet
425Kb / 17P
[Old version datasheet]   TPS62125EVM-044 Evaluation Module
More results

Similar Description - STD

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABPSM-ULN-A ABRACON-ABPSM-ULN-A Datasheet
1,006Kb / 2P
   Ultra Low Noise Power Supply Module
03.01.10
logo
Sipex Corporation
SP6641B SIPEX-SP6641B Datasheet
118Kb / 5P
   Low Noise Evaluation Board
logo
Monolithic Power System...
MPM3814C MPS-MPM3814C Datasheet
1Mb / 19P
   2.75V to 6V, 1A, Ultra-Small Power Module with Ultra-Low Noise
Rev. 1.0 4/15/2022
logo
Texas Instruments
TPS54120 TI1-TPS54120 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, 1-A Power Supply
logo
Monolithic Power System...
MP20045 MPS-MP20045 Datasheet
379Kb / 13P
   Low Noise, 1A Linear Regulator
logo
XP Power Limited
P12P XPPOWER-P12P Datasheet
509Kb / 5P
   LOW-POWER, LOW-NOISE, REGULATED HIGH-VOLTAGE SUPPLY
logo
Maxim Integrated Produc...
MAX17244EVKIT MAXIM-MAX17244EVKIT Datasheet
770Kb / 9P
   14V, 1A DC power supply
Rev 1; 3/17
logo
Texas Instruments
ISO154XEVM TI1-ISO154XEVM Datasheet
812Kb / 20P
[Old version datasheet]   ISO154xEVM Low-Power Bidirectional I2C Isolators Evaluation Module
logo
Micrel Semiconductor
MIC37110 MICREL-MIC37110 Datasheet
1Mb / 20P
   High-Performance, Low-Noise, 1A LDOs
logo
Texas Instruments
LMZ31704EVM-003 TI-LMZ31704EVM-003 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com