Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD Datasheet(PDF) 10 Page - Texas Instruments

Part # STD
Description  TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 10 Page - Texas Instruments

Back Button STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments STD Datasheet HTML 10Page - Texas Instruments STD Datasheet HTML 11Page - Texas Instruments STD Datasheet HTML 12Page - Texas Instruments STD Datasheet HTML 13Page - Texas Instruments STD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Board Layout
www.ti.com
The input decoupling capacitor of the SW (C5) is located as close as possible to the IC. PVIN and VIN are
connected together in this EVM, and then through vias they are connected to the input voltage trace in the
second internal layer. Whereas, the decoupling capacitor ground is connected through vias to the bottom
layer. The compensation and the soft start capacitors (C6, C7 and C8), the CLK/RT resistor (R3), and the
SW feedback resistor (R6) are grounded to a power ground trace in the center of the top layer. This helps
shield them from noises of the high current ground plane.
The inductor (L1), the boot cap (C12), and the output caps of the SW (C9, C10) are placed on the bottom
layer of the board to shield the switching noise into the LDO side. However, the boot cap (C12) and the
inductor (L1) are connected through vias directly into the PH pin of the IC. This connects them as close as
possible to the PH pin and reduces parasitic inductance of long traces. Also, the noise reduction capacitor
(C13) is placed as close as possible to the IC.
The input of the LDO is connected to the output of the switcher using a shorting jumper and a long trace
parallel with the trace that connects the ground on the LDO with the ground of the switcher. Critical analog
ground of the LDO circuits such as the voltage set point divider, the LDO input, and output caps are
terminated to ground using a wide ground trace separate from the power ground pour. In addition, the
input and the output LDO capacitors are kept close to the IC. The voltage divider network of the LDO ties
to the LDO output voltage at the copper of the LDO output trace.
Figure 9. Top Side Silkscreen and Routing
10
TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
SLVU641
– January 2012
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated


Similar Part No. - STD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
Std TI1-Std Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
STD TI1-STD Datasheet
454Kb / 11P
[Old version datasheet]   TPS63000EVM-148
STD TI1-STD Datasheet
1Mb / 26P
[Old version datasheet]   a Phase-Dimmable, Primary-Side Regulated LED Driver
STD TI1-STD Datasheet
466Kb / 13P
[Old version datasheet]   TPS75005EVM-023
Std TI1-Std Datasheet
425Kb / 17P
[Old version datasheet]   TPS62125EVM-044 Evaluation Module
More results

Similar Description - STD

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABPSM-ULN-A ABRACON-ABPSM-ULN-A Datasheet
1,006Kb / 2P
   Ultra Low Noise Power Supply Module
03.01.10
logo
Sipex Corporation
SP6641B SIPEX-SP6641B Datasheet
118Kb / 5P
   Low Noise Evaluation Board
logo
Monolithic Power System...
MPM3814C MPS-MPM3814C Datasheet
1Mb / 19P
   2.75V to 6V, 1A, Ultra-Small Power Module with Ultra-Low Noise
Rev. 1.0 4/15/2022
logo
Texas Instruments
TPS54120 TI1-TPS54120 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, 1-A Power Supply
logo
Monolithic Power System...
MP20045 MPS-MP20045 Datasheet
379Kb / 13P
   Low Noise, 1A Linear Regulator
logo
XP Power Limited
P12P XPPOWER-P12P Datasheet
509Kb / 5P
   LOW-POWER, LOW-NOISE, REGULATED HIGH-VOLTAGE SUPPLY
logo
Maxim Integrated Produc...
MAX17244EVKIT MAXIM-MAX17244EVKIT Datasheet
770Kb / 9P
   14V, 1A DC power supply
Rev 1; 3/17
logo
Texas Instruments
ISO154XEVM TI1-ISO154XEVM Datasheet
812Kb / 20P
[Old version datasheet]   ISO154xEVM Low-Power Bidirectional I2C Isolators Evaluation Module
logo
Micrel Semiconductor
MIC37110 MICREL-MIC37110 Datasheet
1Mb / 20P
   High-Performance, Low-Noise, 1A LDOs
logo
Texas Instruments
LMZ31704EVM-003 TI-LMZ31704EVM-003 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com