Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22913CYZVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22913CYZVR
Description  Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22913CYZVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS22913CYZVR Datasheet HTML 6Page - Texas Instruments TPS22913CYZVR Datasheet HTML 7Page - Texas Instruments TPS22913CYZVR Datasheet HTML 8Page - Texas Instruments TPS22913CYZVR Datasheet HTML 9Page - Texas Instruments TPS22913CYZVR Datasheet HTML 10Page - Texas Instruments TPS22913CYZVR Datasheet HTML 11Page - Texas Instruments TPS22913CYZVR Datasheet HTML 12Page - Texas Instruments TPS22913CYZVR Datasheet HTML 13Page - Texas Instruments TPS22913CYZVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
0
30
60
90
120
150
−40
−15
10
35
60
85
Temperature (°C)
VIN = 5.0V, CL = 0.1 µF, RL = 10 Ohms
G000
0
4
8
12
16
20
−40
−15
10
35
60
85
Temperature (°C)
VIN = 5.0V, CL = 0.1 µF, RL = 10 Ohms
G000
0
100
200
300
400
500
−40
−15
10
35
60
85
Temperature (°C)
VIN = 1.5V, CL = 0.1 µF, RL = 10 Ohms
G000
0
10
20
30
40
−40
−15
10
35
60
85
Temperature (°C)
VIN = 1.5V, CL = 0.1 µF, RL = 10 Ohms
G000
TPS22913
SLVSB20
– SEPTEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TURN-ON TIME
TURN-OFF TIME
vs
vs
TEMPERATURE
TEMPERATURE
Figure 15.
Figure 16.
TURN-ON TIME
TURN-OFF TIME
vs
vs
TEMPERATURE
TEMPERATURE
Figure 17.
Figure 18.
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS22913


Similar Part No. - TPS22913CYZVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22913CYZVR TI1-TPS22913CYZVR Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
More results

Similar Description - TPS22913CYZVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22912 TI1-TPS22912 Datasheet
744Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
APE8991A A-POWER-APE8991A Datasheet
1Mb / 11P
   ULTRA- LOW ON RESISTANCE, 4A LOAD SWITCH WITH CONTROLLED TURN-ON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com