Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62160DSG Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS62160DSG
Description  TPS62160EVM-627 and TPS62170EVM-627 Evaluation Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62160DSG Datasheet(HTML) 1 Page - Texas Instruments

  TPS62160DSG Datasheet HTML 1Page - Texas Instruments TPS62160DSG Datasheet HTML 2Page - Texas Instruments TPS62160DSG Datasheet HTML 3Page - Texas Instruments TPS62160DSG Datasheet HTML 4Page - Texas Instruments TPS62160DSG Datasheet HTML 5Page - Texas Instruments TPS62160DSG Datasheet HTML 6Page - Texas Instruments TPS62160DSG Datasheet HTML 7Page - Texas Instruments TPS62160DSG Datasheet HTML 8Page - Texas Instruments TPS62160DSG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
User
's Guide
SLVU483
– October 2011
TPS62160EVM-627 and TPS62170EVM-627
Evaluation Modules
This user
’s guide describes the characteristics, operation, and use of the Texas Instruments TPS62160
and TPS62170 evaluation modules (EVM). These EVMs are designed to help the user easily evaluate and
test the operation and functionality of the TPS62160 and TPS62170. This user
’s guide includes setup
instructions for the hardware, printed-circuit board layouts for the EVMs, a schematic diagram, a bill of
materials, and test results for the EVMs.
Contents
1
Introduction
.................................................................................................................. 2
2
Setup
......................................................................................................................... 3
3
TPS621x0EVM-627 Test Results
......................................................................................... 3
4
Board Layout
............................................................................................................... 10
5
Schematic and Bill of Materials
.......................................................................................... 12
List of Figures
1
Loop Response Measurement Modification
............................................................................. 3
2
Efficiency
..................................................................................................................... 4
3
Load Regulation
............................................................................................................. 4
4
Line Regulation With Iout = 0.5 A
......................................................................................... 4
5
Loop Response With Vin = 12 V and Iout = 0.5 A
...................................................................... 5
6
Input Voltage Ripple With Vin = 12 V and Iout = 1 A
.................................................................. 5
7
Output Voltage Ripple With Vin = 12 V and Iout = 1 A
................................................................ 6
8
Load Transient Response With Vin = 12 V
.............................................................................. 6
9
Start-Up on Vin With 0.5-A Load
.......................................................................................... 7
10
Start-Up on EN with 0.5-A Load
.......................................................................................... 7
11
Shutdown on EN With 0.5-A Load
........................................................................................ 8
12
Prebias Start-Up and Shutdown on EN With 0.5-A Load
.............................................................. 8
13
Thermal Performance With Vin = 12 V and Iout = 1 A
................................................................. 9
14
Assembly Layer
............................................................................................................ 10
15
Top Layer Routing
......................................................................................................... 10
16
Bottom Layer Routing
..................................................................................................... 11
17
TPS621x0EVM-627 Schematic
.......................................................................................... 12
List of Tables
1
Performance Specification Summary
..................................................................................... 2
2
TPS621x0EVM-627 Bill of Materials
.................................................................................... 13
1
SLVU483
– October 2011
TPS62160EVM-627 and TPS62170EVM-627
— Evaluation Modules
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS62160DSG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160DSG TI1-TPS62160DSG Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160DSGR TI1-TPS62160DSGR Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160DSGT TI1-TPS62160DSGT Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
More results

Similar Description - TPS62160DSG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
628A472 ETC2-628A472 Datasheet
276Kb / 5P
   MODELS 627, 628 Model 627, 628 Series
logo
TAI-SAW TECHNOLOGY CO.,...
TA1357A TAI-SAW-TA1357A Datasheet
440Kb / 6P
   SAW Filter 627 MHz
logo
Spectrum Microwave, Inc...
SF0627BA03161S SPECTRUM-SF0627BA03161S Datasheet
141Kb / 3P
   627 MHz SAW Filter 26 MHz Bandwidth
logo
API Technologies Corp
SF0627BA03161S APITECH-SF0627BA03161S Datasheet
141Kb / 3P
   627 MHz SAW Filter 26 MHz Bandwidth
logo
List of Unclassifed Man...
627-000-001 ETC2-627-000-001 Datasheet
226Kb / 2P
   627 SERIES SUBMINIATURE D CONNECTOR PLUG(PIN) VERTICAL PCB, METAL BODY
627-000-003 ETC2-627-000-003 Datasheet
216Kb / 2P
   627 SERIES SUBMINIATURE D CONNECTOR PLUG(PIN) VERTICAL PCB, METAL BODY
logo
Texas Instruments
TPS62A01EVM-190 TI-TPS62A01EVM-190 Datasheet
598Kb / 7P
[Old version datasheet]   TPS62A01EVM-190 and TPS62A01AEVM-190 Evaluation Modules Users Guide
NOVEMBER 2021
logo
u-blox AG
EVK-NINA-B1 U-BLOX-EVK-NINA-B1 Datasheet
1Mb / 21P
   Evaluation kit for NINA-B1 modules
EVK-ANNA-B4 U-BLOX-EVK-ANNA-B4 Datasheet
3Mb / 43P
   Evaluation kit for ANNA-B4 modules
Rev. R03 / 7-Dec-2021
logo
Infineon Technologies A...
XED100E12F2 INFINEON-XED100E12F2 Datasheet
1Mb / 33P
   Evaluation Driver Boards for EconoDUAL™3 and EconoPACK™ modules
V1.3 Feb. 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com