Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63031 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63031
Description  HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63031 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS63031 Datasheet HTML 7Page - Texas Instruments TPS63031 Datasheet HTML 8Page - Texas Instruments TPS63031 Datasheet HTML 9Page - Texas Instruments TPS63031 Datasheet HTML 10Page - Texas Instruments TPS63031 Datasheet HTML 11Page - Texas Instruments TPS63031 Datasheet HTML 12Page - Texas Instruments TPS63031 Datasheet HTML 13Page - Texas Instruments TPS63031 Datasheet HTML 14Page - Texas Instruments TPS63031 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
V =4.2V,IL =340mA to500mA
I
OutputVoltage
50mV/div, AC
OutputCurrent
100mA/div
TPS63031,V =3.3V
O
Time1ms/div
Time2ms/Div
TPS63031,V
=3.3V
O
V =3Vto3.6V,IL =300mA
I
InputVoltage
500mV/div, AC
OutputVoltage
20mV/div, AC
V =4.2V,R =11
I
L
W
Time100 s/div
m
TPS63031,V
=3.3V
O
Enable
5V/div,DC
OutputVoltage
1V/div,DC
InductorCurrent
200mA/div,DC
VoltageatL1
5V/div,DC
TPS63031,V
=3.3V
O
V =2.4V,R =11
I
L
W
Time200 s/div
m
Enable
5V/div,DC
OutputVoltage
1V/div,DC
InductorCurrent
200mA/div,DC
VoltageatL2
5V/div,DC
TPS63030
TPS63031
www.ti.com
SLVS696B – OCTOBER 2008 – REVISED MARCH 2012
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 17.
Figure 18.
STARTUP AFTER ENABLE
STARTUP AFTER ENABLE
Figure 19.
Figure 20.
Copyright © 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS63030 TPS63031


Similar Part No. - TPS63031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63031 TI-TPS63031 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63031 TI-TPS63031 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63031DSK TI-TPS63031DSK Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63031DSKR TI-TPS63031DSKR Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63031DSKR TI-TPS63031DSKR Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
More results

Similar Description - TPS63031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63030 TI-TPS63030_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6303x High Efficiency Single Inductor Buck-Boost Converter With 1-A Switches
TPS63020 TI-TPS63020_1 Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63020 TI-TPS63020 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
   High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
MP2155 MPS-MP2155 Datasheet
900Kb / 18P
   High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
logo
Texas Instruments
TPS63020 TI-TPS63020_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6302x High Efficiency Single Inductor Buck-Boost Converter With 4-A Switches
TPS63020-Q1 TI-TPS63020-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   TPS63020-Q1 High Efficiency Single Inductor Buck-Boost Converter With 4-A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com