Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT7815BD2T Datasheet(PDF) 10 Page - Motorola, Inc

Part # MCT7815BD2T
Description  THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCT7815BD2T Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MCT7815BD2T Datasheet HTML 4Page - Motorola, Inc MCT7815BD2T Datasheet HTML 5Page - Motorola, Inc MCT7815BD2T Datasheet HTML 6Page - Motorola, Inc MCT7815BD2T Datasheet HTML 7Page - Motorola, Inc MCT7815BD2T Datasheet HTML 8Page - Motorola, Inc MCT7815BD2T Datasheet HTML 9Page - Motorola, Inc MCT7815BD2T Datasheet HTML 10Page - Motorola, Inc MCT7815BD2T Datasheet HTML 11Page - Motorola, Inc MCT7815BD2T Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MCT7800
MCT7800
10
MOTOROLA
T SUFFIX
PLASTIC PACKAGE
CASE 221A-06
OUTLINE DIMENSIONS
MIN
MIN
MAX
MAX
INCHES
MILLIMETERS
DIM
A
B
C
D
F
G
H
J
K
L
N
Q
R
S
T
U
V
Z
14.48
9.66
4.07
0.64
3.61
2.42
2.80
0.46
12.70
1.15
4.83
2.54
2.04
1.15
5.97
0.00
1.15
15.75
10.28
4.82
0.88
3.73
2.66
3.93
0.64
14.27
1.52
5.33
3.04
2.79
1.39
6.47
1.27
2.04
0.570
0.380
0.160
0.025
0.142
0.095
0.110
0.018
0.500
0.045
0.190
0.100
0.080
0.045
0.235
0.000
0.045
0.620
0.405
0.190
0.035
0.147
0.105
0.155
0.025
0.562
0.060
0.210
0.120
0.110
0.055
0.255
0.050
0.080
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIM Z DEFINES A ZONE WHERE ALL BODY AND
LEAD IRREGULARITIES ARE ALLOWED.
-T-
SEATING
PLANE
C
S
T
U
J
R
F
B
Q
H
Z
L
V
G
N
D
K
A
4
1 2 3
D2T SUFFIX
PLASTIC PACKAGE
CASE 936-03
(D2PAK)
5 REF
5 REF
A
1
2
3
K
F
B
J
S
H
0.010 (0.254)
T
M
D
G
C
E
-T-
M
L
P
N
R
V
U
TERMINAL 4
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. TAB CONTOUR OPTIONAL WITHIN DIMENSIONS
A AND K.
4. DIMENSIONS U AND V ESTABLISH A MINIMUM
MOUNTING SURFACE FOR TERMINAL 4.
5. DIMENSIONS A AND B DO NOT INCLUDE MOLD
FLASH OR GATE PROTRUSIONS. MOLD FLASH
AND GATE PROTRUSIONS NOT TO EXCEED
0.025 (0.635) MAXIMUM.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.386
0.403
9.804
10.236
INCHES
B
0.356
0.368
9.042
9.347
C
0.170
0.180
4.318
4.572
D
0.026
0.036
0.660
0.914
E
0.045
0.055
1.143
1.397
F
0.051 REF
1.295 REF
G
0.100 BSC
2.540 BSC
H
0.539
0.579
13.691
14.707
J
0.125 MAX
3.175 MAX
K
0.050 REF
1.270 REF
L
0.000
0.010
0.000
0.254
M
0.088
0.102
2.235
2.591
N
0.018
0.026
0.457
0.660
P
0.058
0.078
1.473
1.981
R
S
0.116 REF
2.946 REF
U
0.200 MIN
5.080 MIN
V
0.250 MIN
6.350 MIN
_
_
OPTIONAL
CHAMFER


Similar Part No. - MCT7815BD2T

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MCT MERITEK-MCT Datasheet
120Kb / 1P
   Cement Resistor With Thermal Cut-Off
logo
Conquer Electronics Co....
MCT CONQUER-MCT Datasheet
196Kb / 1P
   8.35 x 3.95 x 5.0 mm
logo
Vishay Siliconix
MCT-0603 VISHAY-MCT-0603 Datasheet
170Kb / 13P
   Professional Thin Film Chip Resistors
Revision: 16-Aug-16
MCT-0603 VISHAY-MCT-0603 Datasheet
113Kb / 1P
   Precision Thin Film Chip Resistors
Revision: 27-Oct-14
MCT-0603-AT VISHAY-MCT-0603-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
More results

Similar Description - MCT7815BD2T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com