Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1102 Datasheet(PDF) 7 Page - Sony Corporation

Part # CXA1102
Description  DOLBY B TYPE NOISE REDUCTION SYSTEM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1102 Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA1102 Datasheet HTML 3Page - Sony Corporation CXA1102 Datasheet HTML 4Page - Sony Corporation CXA1102 Datasheet HTML 5Page - Sony Corporation CXA1102 Datasheet HTML 6Page - Sony Corporation CXA1102 Datasheet HTML 7Page - Sony Corporation CXA1102 Datasheet HTML 8Page - Sony Corporation CXA1102 Datasheet HTML 9Page - Sony Corporation CXA1102 Datasheet HTML 10Page - Sony Corporation CXA1102 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
– 7 –
CXA1100/CXA1101/CXA1102/CXA1163
Example of Representative Characteristics
4.4
4.8
5.2
5.6
6.0
6.4
6.8
–12
–8
–4
0
4
8
12
Input level [dB]
Supply Current vs. Input Voltage
(CXA1101)
NR ON 1kHz
Encode Mode
0dB = Dolby Level
NR OFF 1kHz, 10kHz
NR ON 10kHz
0
2
4
6
8
10
12
200
500
1k
2k
5k 10k
20k
Frequency [Hz]
Encode Characteristics
–50dB
–40dB
–30dB
–20dB
–10dB
0dB
VCC = 12V
0
2
4
6
8
10
12
200
500
1k
2k
5k 10k
20k
Frequency [Hz]
Temperature Characteristics
–40dB
–30dB
–20dB
–10dB
0dB
VCC = 12V
Ta = –25°C
Ta = 25°C
Ta = 75°C
3.6
4.0
4.4
4.8
5.2
5.6
6.0
4
6
8
10
121416
Vcc — Supply voltage [V]
NR ON
NR OFF
Quiescent Current vs. Supply Voltage
8
10
12
14
16
18
20
4
6
8
10
121416
Vcc — Supply voltage [V]
Signal Handling
Encode Mode
NR OFF
f = 1kHz
THD = 1%
A1163
A1102
A1101
A1100
2
4
6
8
10
12
14
123
456
7
RL — Load resistance [k
Ω]
Load Characteristics
(CXA1101)
0
Encode Mode
VCC = 12V
THD = 1%
LINE OUT
REC OUT


Similar Part No. - CXA1102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXA1101 ETC2-CXA1101 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Sony Corporation
CXA1103 SONY-CXA1103 Datasheet
123Kb / 6P
   PHOTODIODE I-V CONVERSION AMPLIFIER
CXA1103AM SONY-CXA1103AM Datasheet
123Kb / 6P
   PHOTODIODE I-V CONVERSION AMPLIFIER
CXA1106 SONY-CXA1106 Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
CXA1106M SONY-CXA1106M Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
More results

Similar Description - CXA1102

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
   Dolby B type Noise Reduction System
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
   PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
   Integrated Circuit Dolby B Type Noise Reduction System
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com