Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1100 Datasheet(PDF) 3 Page - Sony Corporation

Part # CXA1100
Description  DOLBY B TYPE NOISE REDUCTION SYSTEM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1100 Datasheet(HTML) 3 Page - Sony Corporation

  CXA1100 Datasheet HTML 1Page - Sony Corporation CXA1100 Datasheet HTML 2Page - Sony Corporation CXA1100 Datasheet HTML 3Page - Sony Corporation CXA1100 Datasheet HTML 4Page - Sony Corporation CXA1100 Datasheet HTML 5Page - Sony Corporation CXA1100 Datasheet HTML 6Page - Sony Corporation CXA1100 Datasheet HTML 7Page - Sony Corporation CXA1100 Datasheet HTML 8Page - Sony Corporation CXA1100 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
– 3 –
CXA1100/CXA1101/CXA1102/CXA1163
No.
Symbol
Z (in)
VDC
Equivalent Circuit
Description
7, 10
TC
0.3V
Time constant pin for
the level detector
Vcc
GND
8.2k
100k
7
10
8, 9
REC OUT
6.0V
Recording (Encode)
output
Vcc
GND
300
8.2k
300
8
9
12
REC/PB
Mode control pin for
REC/PB
(Encode/Decode)
"H"
→ B (Decode)
"L
→ EC (Encode)
Vcc
GND
50µ
150µ
12
13
IREF
1.2V
Reference current input
pin for the active filters
15
GND
0V
Single supply
→ Ground
Split supply
→ VEE
Vcc
GND
10µ
1.2V
13


Similar Part No. - CXA1100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXA1101 ETC2-CXA1101 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Sony Corporation
CXA1103 SONY-CXA1103 Datasheet
123Kb / 6P
   PHOTODIODE I-V CONVERSION AMPLIFIER
CXA1103AM SONY-CXA1103AM Datasheet
123Kb / 6P
   PHOTODIODE I-V CONVERSION AMPLIFIER
CXA1106 SONY-CXA1106 Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
CXA1106M SONY-CXA1106M Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
More results

Similar Description - CXA1100

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
   Dolby B type Noise Reduction System
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
   PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
   Integrated Circuit Dolby B Type Noise Reduction System
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com