Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1100 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA1100
Description  DOLBY B TYPE NOISE REDUCTION SYSTEM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1100 Datasheet(HTML) 5 Page - Sony Corporation

  CXA1100 Datasheet HTML 1Page - Sony Corporation CXA1100 Datasheet HTML 2Page - Sony Corporation CXA1100 Datasheet HTML 3Page - Sony Corporation CXA1100 Datasheet HTML 4Page - Sony Corporation CXA1100 Datasheet HTML 5Page - Sony Corporation CXA1100 Datasheet HTML 6Page - Sony Corporation CXA1100 Datasheet HTML 7Page - Sony Corporation CXA1100 Datasheet HTML 8Page - Sony Corporation CXA1100 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
– 5 –
CXA1100/CXA1101/CXA1102/CXA1163
Electrical Characteristics
Ta = 25°C, Dolby Level: –10dBm ( = 245mVrms) at REC OUT
VCC = 15V (CXA1100), VCC = 12V (CXA1101), VCC = 9V (CXA1102)
VCC = 6V (CXA1163)
Item
Symbol
R/P
NR
f (Hz) Other Conditions
Test Condition∗
Min.
Typ.
Max.
Unit
Operating voltage
CXA1100
CXA1101
CXA1102
CXA1163
Supply current
CXA1100
CXA1101
CXA1102
CXA1163
LINE OUT level
CXA1100
CXA1101
CXA1102
CXA1163
REC IN level
PB IN level
Encode characteristics
(Boost)
(1)
(2)
(3)
(4)
(5)
Signal handling
CXA1100
CXA1101
CXA1102
CXA1163
Vopr
ICC
Vlout
Vrin
Vpin
B-R-1
B-R-2
B-R-3
B-R-4
B-R-5
Vomax
R
R
R
P
R
R
R
R
R
R
OFF
OFF
OFF
OFF
ON
ON
ON
ON
ON
OFF
1k
1k
1k
500
2k
5k
10k
10k
1k
Signal Handling
≥ 12dB
No signal
–25dB
–25dB
–25dB
–40dB
0dB
THD = 1%
11.5
8.5
6.5
5.0
3.5
3.5
3.5
3.5
–1.0
–4.0
–7.0
–11.0
–32
–32
1.4
5.5
3.9
9.7
–1.1
13.5
14.0
14.0
13.0
5.6
5.5
5.3
5.1
0.0
–3.0
–6.0
–10.0
–30
–30
2.9
7.0
5.4
10.4
0.4
15.3
15.9
15.9
15.0
16.0
16.0
16.0
16.0
7.5
7.5
7.5
7.5
1.0
–2.0
–5.0
–9.0
–28
–28
4.4
8.5
6.9
11.9
1.9
V
V
V
V
mA
mA
mA
mA
dBm
dBm
dBm
dBm
dBm
dBm
dB
dB
dB
dB
dB
dB
dB
dB
dB
0dBm = 0.775Vrms


Similar Part No. - CXA1100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXA1101 ETC2-CXA1101 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Sony Corporation
CXA1103 SONY-CXA1103 Datasheet
123Kb / 6P
   PHOTODIODE I-V CONVERSION AMPLIFIER
CXA1103AM SONY-CXA1103AM Datasheet
123Kb / 6P
   PHOTODIODE I-V CONVERSION AMPLIFIER
CXA1106 SONY-CXA1106 Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
CXA1106M SONY-CXA1106M Datasheet
350Kb / 19P
   8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
More results

Similar Description - CXA1100

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
   Dolby B type Noise Reduction System
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
   PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
   Integrated Circuit Dolby B Type Noise Reduction System
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com