Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL3S1202FTT Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SL3S1202FTT
Description  512-bit user memory (G2XM only)
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1202FTT Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SL3S1202FTT Datasheet HTML 6Page - NXP Semiconductors SL3S1202FTT Datasheet HTML 7Page - NXP Semiconductors SL3S1202FTT Datasheet HTML 8Page - NXP Semiconductors SL3S1202FTT Datasheet HTML 9Page - NXP Semiconductors SL3S1202FTT Datasheet HTML 10Page - NXP Semiconductors SL3S1202FTT Datasheet HTML 11Page - NXP Semiconductors SL3S1202FTT Datasheet HTML 12Page - NXP Semiconductors SL3S1202FTT Datasheet HTML 13Page - NXP Semiconductors SL3S1202FTT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
139036
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.6 — 10 March 2011
139036
10 of 56
NXP Semiconductors
SL3ICS1002/1202
UCODE G2XM and G2XL
Table 6.
Pin description of SOT1122
Symbol
Pin
Description
RFP
1
Ungrouded antenna connector
RFN
2
Grounded antenna connector
n.c.
3
not connected
Table 7.
SOT1122 Marking
Type
Type code (Marking)
Comment
SL3S1202FTB1
UL
UCODE G2XL
SL3S1002FTB1
UM
UCODE G2XM


Similar Part No. - SL3S1202FTT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL3S1203 NXP-SL3S1203 Datasheet
364Kb / 42P
   UCODE G2iL and G2iL
Rev. 4.5-12 February 2019
SL3S1203FTB0 NXP-SL3S1203FTB0 Datasheet
461Kb / 22P
   UCODE G2iL and G2iL
Rev. 3.2-9 November 2010
SL3S1203FTB0 NXP-SL3S1203FTB0 Datasheet
364Kb / 42P
   UCODE G2iL and G2iL
Rev. 4.5-12 February 2019
SL3S1203FUD NXP-SL3S1203FUD Datasheet
364Kb / 42P
   UCODE G2iL and G2iL
Rev. 4.5-12 February 2019
SL3S1203FUDBG NXP-SL3S1203FUDBG Datasheet
364Kb / 42P
   UCODE G2iL and G2iL
Rev. 4.5-12 February 2019
More results

Similar Description - SL3S1202FTT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ER2055 ETC-ER2055 Datasheet
239Kb / 3P
   512 BIT ELECTRICALLY ALTERABLE READ ONLY MEMORY
logo
Eon Silicon Solution In...
EN29LV512 EON-EN29LV512 Datasheet
403Kb / 35P
   512 Kbit (64K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
Intersil Corporation
IM5600 INTERSIL-IM5600 Datasheet
127Kb / 3P
   256 Bit Bipolar Read Only Memory
logo
Advanced Micro Devices
AM29F040B AMD-AM29F040B Datasheet
394Kb / 30P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29LV004B-1 AMD-AM29LV004B-1 Datasheet
769Kb / 40P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F004B AMD-AM29F004B Datasheet
993Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F004B SPANSION-AM29F004B_06 Datasheet
944Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29F040B AMD-AM29F040B_06 Datasheet
981Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Force Technologies Ltd
FT29F040B FORCE-FT29F040B Datasheet
3Mb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29LV004 AMD-AM29LV004 Datasheet
455Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com