Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT7824BD2T Datasheet(PDF) 4 Page - Motorola, Inc

Part # MCT7824BD2T
Description  THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCT7824BD2T Datasheet(HTML) 4 Page - Motorola, Inc

  MCT7824BD2T Datasheet HTML 1Page - Motorola, Inc MCT7824BD2T Datasheet HTML 2Page - Motorola, Inc MCT7824BD2T Datasheet HTML 3Page - Motorola, Inc MCT7824BD2T Datasheet HTML 4Page - Motorola, Inc MCT7824BD2T Datasheet HTML 5Page - Motorola, Inc MCT7824BD2T Datasheet HTML 6Page - Motorola, Inc MCT7824BD2T Datasheet HTML 7Page - Motorola, Inc MCT7824BD2T Datasheet HTML 8Page - Motorola, Inc MCT7824BD2T Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MCT7800
MCT7800
4
MOTOROLA
ELECTRICAL CHARACTERISTICS (continued) (Vin = 11 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
MCT7806B
MCT7806C
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Dropout Voltage (IO = 1.0 A, TJ = +25°C)
VI – VO
2.0
2.0
Vdc
Output Noise Voltage (TA = +25°C)
10 Hz
≤ f ≤ 100 kHz
Vn
10
10
µV/VO
Output Resistance f = 1.0 kHz
rO
1.3
1.3
m
Short Circuit Current Limit (TA = +25°C)
Vin = 35 Vdc
ISC
0.2
0.2
A
Peak Output Current (TJ = +25°C)
Imax
2.2
2.2
A
Average Temperature Coefficient of Output Voltage
TCVO
– 0.8
– 0.8
mV/
°C
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
MCT7808B
MCT7808C
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
7.7
8.0
8.3
7.7
8.0
8.3
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PO ≤15 W)
10.5 Vdc
≤ Vin ≤ 23 Vdc
11.5 Vdc
≤ Vin ≤ 23 Vdc
VO
7.6
8.0
8.4
7.6
8.0
8.4
Vdc
Line Regulation, TJ = +25°C (Note 2)
10.5 Vdc
≤ Vin ≤ 25 Vdc
11 Vdc
≤ Vin ≤ 17 Vdc
Regline
7.0
2.0
160
80
7.0
2.0
160
80
mV
Load Regulation, TJ = +25°C (Note 2)
5.0 mA
≤ IO ≤ 1.5 A
250 mA
≤ IO ≤ 750 mA
Regload
2.0
1.5
160
80
2.0
1.5
160
80
mV
Quiescent Current (TJ = +25°C)
IB
5.5
8.0
5.5
8.0
mA
Quiescent Current Change
10.5 Vdc
≤ Vin ≤ 25 Vdc
11.5 Vdc
≤ Vin ≤ 25 Vdc
5.0 mA
≤ IO ≤ 1.0 A
∆IB
1.0
0.5
1.0
0.5
mA
Ripple Rejection
11.5 Vdc
≤ Vin ≤ 21.5 Vdc, f = 120 Hz
RR
63
63
dB
Dropout Voltage (IO = 1.0 A, TJ = +25°C)
VI – VO
2.0
2.0
Vdc
Output Noise Voltage (TA = +25°C)
10 Hz
≤ f ≤ 100 kHz
Vn
10
10
µV/VO
Output Resistance f = 1.0 kHz
rO
18
18
m
Short Circuit Current Limit (TA = +25°C)
Vin = 35 Vdc
ISC
0.2
0.2
A
Peak Output Current (TJ = +25°C)
Imax
2.2
2.2
A
Average Temperature Coefficient of Output Voltage
TCVO
– 0.8
– 0.8
mV/
°C
NOTES:
1. Tlow = 0°C for MCT78XXC
Thigh = +125°C for MCT78XXB, C. When the junction temperature exceeds +125°C, internal current limiting
= – 40
°C for MCT78XXB
will reduce the output current to less than 1.0 A at a VI–VO of 15 V or
greater. The MC7800 die will supply more current under the same conditions.
2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately.
Pulse testing with low duty cycle is used.


Similar Part No. - MCT7824BD2T

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MCT MERITEK-MCT Datasheet
120Kb / 1P
   Cement Resistor With Thermal Cut-Off
logo
Conquer Electronics Co....
MCT CONQUER-MCT Datasheet
196Kb / 1P
   8.35 x 3.95 x 5.0 mm
logo
Vishay Siliconix
MCT-0603 VISHAY-MCT-0603 Datasheet
170Kb / 13P
   Professional Thin Film Chip Resistors
Revision: 16-Aug-16
MCT-0603 VISHAY-MCT-0603 Datasheet
113Kb / 1P
   Precision Thin Film Chip Resistors
Revision: 27-Oct-14
MCT-0603-AT VISHAY-MCT-0603-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
More results

Similar Description - MCT7824BD2T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com