Electronic Components Datasheet Search |
|
SD-15020-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-15020-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
|
1 / 1 page This document was generated on 08/14/2012 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 15020-0821 Status: Active Overview: Premo-Flex™ FFC and Etched Polyimide Jumpers Description: 0.50mm Pitch Premo-Flex™ FFC Jumper, Same Side Contacts (Type A), 13 Circuits, 0.152m Cable Length, 0.27mm Cable Thickness, Gold (Au) Plating Documents: Drawing (PDF) Packaging Specification PK-15020-001 (PDF) Product Specification PS-15020-001 (PDF) RoHS Certificate of Compliance (PDF) General Product Family Cable Series 15020 Comments Contacts on the same side, Type A Crimp Quality Equipment Yes Overview Premo-Flex™ FFC and Etched Polyimide Jumpers Product Name Premo-Flex™FFC Jumper UPC 884982180963 Physical Cable Length 0.152m Circuits (Loaded) 13 Circuits (maximum) 13 Packaging Type Bag Pitch - Termination Interface 0.50mm Temperature Range - Operating -40°C to +105°C Wire Size AWG N/A Wire/Cable Type Flat Flex Cable Electrical Current - Maximum per Contact 0.5A Voltage - Maximum 60V AC Material Info Reference - Drawing Numbers Packaging Specification PK-15020-001 Product Specification PS-15020-001 Sales Drawing SD-15020-001 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Low-Halogen Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 15020Series This document was generated on 08/14/2012 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - SD-15020-001 |
|
Similar Description - SD-15020-001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |