Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDF11 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # RDF11
Description  SAW Resonator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

RDF11 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  RDF11 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd RDF11 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd RDF11 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd RDF11 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4. TEST CIRCUIT
5.Electrical characteristics
Part number
min
typ
max
unit
Center Frequency
Table 1
Insertion Loss
7.0
8.0
dB
Quality Factor Unload Q
12.000
50Ω Loaded Q
6.300
Turnover Temperature
36
51
66
Turnover Frequency
fo±11
KHz
Temperature
Stability
ppm/
℃2
Freq.temp.Coefficient
0.037
Frequency Aging
ppm/
<±10
yr
DC. Insulation Resistance
1.0
Motional Resistance R1
107
152
Ω
Motional Inductance L1
481.378
μH
RF Equivalent
RLC Model
Motional Capacitance C1
0.2794
pF
Shunt Static Capacitance
1.3
pF
R_ _ _D F11
SAW Resonator
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.


Similar Part No. - RDF11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RDF005 ETC1-RDF005 Datasheet
149Kb / 2P
   1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
logo
First Components Intern...
RDF005 FCI-RDF005 Datasheet
149Kb / 2P
   1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
logo
List of Unclassifed Man...
RDF01 ETC1-RDF01 Datasheet
149Kb / 2P
   1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
logo
First Components Intern...
RDF01 FCI-RDF01 Datasheet
149Kb / 2P
   1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
logo
List of Unclassifed Man...
RDF02 ETC1-RDF02 Datasheet
149Kb / 2P
   1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
More results

Similar Description - RDF11

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
   SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
   SAW RESONATOR
logo
Integrated Technology F...
R40731 ITF-R40731 Datasheet
255Kb / 6P
   SAW Resonator
R44761 ITF-R44761 Datasheet
252Kb / 6P
   SAW Resonator
R39001 ITF-R39001 Datasheet
228Kb / 6P
   SAW Resonator
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
   SAW resonator
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
   SAW Resonator
R31451 ITF-R31451 Datasheet
255Kb / 6P
   SAW Resonator
R31801 ITF-R31801 Datasheet
256Kb / 6P
   SAW Resonator
R41751 ITF-R41751 Datasheet
252Kb / 6P
   SAW Resonator
R29311 ITF-R29311 Datasheet
201Kb / 6P
   SAW Resonator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com