Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1372BS Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA1372BS
Description  RF Signal Processing Servo Amplifier for CD Player
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1372BS Datasheet(HTML) 1 Page - Sony Corporation

  CXA1372BS Datasheet HTML 1Page - Sony Corporation CXA1372BS Datasheet HTML 2Page - Sony Corporation CXA1372BS Datasheet HTML 3Page - Sony Corporation CXA1372BS Datasheet HTML 4Page - Sony Corporation CXA1372BS Datasheet HTML 5Page - Sony Corporation CXA1372BS Datasheet HTML 6Page - Sony Corporation CXA1372BS Datasheet HTML 7Page - Sony Corporation CXA1372BS Datasheet HTML 8Page - Sony Corporation CXA1372BS Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Description
The CXA1372BQ/BS is a bipolar IC developed for
RF signal processing (focus OK, mirror, defect
detection, EFM comparator) and various servo
control.
Features
• Dual ±5V and single 5V power supplies
• Low power consumption
• Fewer external parts
• Disc defect countermeasure circuit
• Fully compatible with the CXA1182 for microcomputer
software
Functions
• Auto asymmetry control
• Focus OK detection circuit
• Mirror detection circuit
• Defect detection, countermeasure circuit
• EFM comparator
• Focus servo control
• Tracking servo control
• Sled servo control
Structure
Bipolar silicon monolithic IC
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VCC – VEE
12
V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD 457 (CXA1372BQ)
mW
833 (CXA1372BS)
mW
Recommended Operating Conditions
VCC – VEE
3.6 to 11
V
VCC – DGND
3.6 to 5.5
V
– 1 –
CXA1372BQ/BS
E95927A67-PS
RF Signal Processing Servo Amplifier for CD Player
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA1372BQ
48 pin QFP (Plastic)
CXA1372BS
48 pin SDIP (Plastic)


Similar Part No. - CXA1372BS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1304-0000-000C00A20E8 CREE-CXA1304-0000-000C00A20E8 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A227F CREE-CXA1304-0000-000C00A227F Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A227H CREE-CXA1304-0000-000C00A227H Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00A40E6 CREE-CXA1304-0000-000C00A40E6 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Similar Description - CXA1372BS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2542Q SONY-CXA2542Q Datasheet
696Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542AR SONY-CXA2542AR Datasheet
625Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542AQ SONY-CXA2542AQ Datasheet
616Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
CXA1082BQ SONY-CXA1082BQ Datasheet
753Kb / 33P
   Servo Signal Processor for CD Player
logo
New Japan Radio
NJM2117 NJRC-NJM2117 Datasheet
400Kb / 16P
   RF AMPLIFIER FOR CD PLAYER
logo
Sony Corporation
CXA1992R SONY-CXA1992R Datasheet
890Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com