Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC320AD77CDBR Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC320AD77CDBR
Description  24-Bit 96 kHz Stereo Audio Codec
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD77CDBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC320AD77CDBR Datasheet HTML 2Page - Texas Instruments TLC320AD77CDBR Datasheet HTML 3Page - Texas Instruments TLC320AD77CDBR Datasheet HTML 4Page - Texas Instruments TLC320AD77CDBR Datasheet HTML 5Page - Texas Instruments TLC320AD77CDBR Datasheet HTML 6Page - Texas Instruments TLC320AD77CDBR Datasheet HTML 7Page - Texas Instruments TLC320AD77CDBR Datasheet HTML 8Page - Texas Instruments TLC320AD77CDBR Datasheet HTML 9Page - Texas Instruments TLC320AD77CDBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
iv
3.3.2 ADC Digital Filter, TA = 25°C, AVDD = DVDD = 3.3 V ± 10%,
fs = 44.1 kHz
3–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.3.3
Analog-to-Digital Converter,
TA = 25°C, AVDD = DVDD = 3.3 V, fs = 44.1 kHz
3–2
. . . . . . . . . . . . . . . . . . . .
3.3.4
DAC Interpolation Filter, TA = 25°C, AVDD = DVDD = 3.3 V + 10%,
fs = 44.1 kHz
3–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.3.5
Digital-to-Analog Converter, TA = 25°C, AVDD = 3.3 V, fs = 44.1 kHz,
Input = 1 Vrms Sine Wave at 1 kHz
3–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.3.6 Output Performance Data TA = 25°C, AVDD = DVDD = 3.3 V ± 10%
3–3
. . . .
3.4
Serial Interface Switching Characteristics,
TA = 25°C, AVDD = DVDD = 3.3 V ± 10%
3–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.5
DSP Serial Interface Switching Characteristics,
TA = 25°C, AVDD = DVDD = 3.3 V ± 10%
3–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4
Parameter Measurement Information
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
Application Information
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1
Single-Ended to Differential External Analog
Front-End Circuit (fs = 44.1 kHz)
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5.1
External Analog Back-End Circuit (fs = 44.1 kHz)
5–2
. . . . . . . . . . . . . . . . . . . . . . . . . .
Appendix A
Mechanical Data
A–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
List of Illustrations
Figure
Title
Page
2–1 MSB First Right/Left Justified (for 16-, 20-, and 24-bits)
2–3
. . . . . . . . . . . . . . . . . . . . . . . . .
2–2 IIS-Compatible Serial Format (for 16-, 20-, and 24-bits)
2–4
. . . . . . . . . . . . . . . . . . . . . . . . .
2–3 MSB Left Justified Serial Interface Format (for 16-bits)
2–4
. . . . . . . . . . . . . . . . . . . . . . . . . .
2–4 DSP Compatible Serial Interface Format (for 16-bits)
2–5
. . . . . . . . . . . . . . . . . . . . . . . . . . .
2–5 De-Emphasis Characteristics
2–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–1 Master Clock Timing
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–2 Right/Left Justified, IIS, Left/Left Justified Serial Protocol Timing
4–1
. . . . . . . . . . . . . . . . .
4–3 DSP Serial Port Timing
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–4 DAC Filter Overall Frequency Characteristics
4–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–5 DAC Digital Filter Passband Ripple Characteristics
4–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–6 ADC Digital Filter Characteristics
4–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–7 ADC Digital Filter Stopband Characteristics
4–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–8 ADC Digital Filter Passband Characteristics
4–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–9 ADC High Pass Filter Characteristics
4–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–1 Analog Front End (right channel) for 0.7 Vrms Input
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–2 Analog Back End (right channel) for 0.7 Vrms Output
5–2
. . . . . . . . . . . . . . . . . . . . . . . . . . .
5–3 Voltage Reference Connections
5–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
List of Tables
Table
Title
Page
2–1 Example Master Clock Frequency Rates
2–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - TLC320AD77CDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
More results

Similar Description - TLC320AD77CDBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Analog Devices
ADAU1361BCPZ AD-ADAU1361BCPZ Datasheet
863Kb / 80P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. C
ADAU1961 AD-ADAU1961 Datasheet
985Kb / 76P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com