Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC320AD545PTRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC320AD545PTRG4
Description  Single Channel Data/Fax Codec
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD545PTRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC320AD545PTRG4 Datasheet HTML 3Page - Texas Instruments TLC320AD545PTRG4 Datasheet HTML 4Page - Texas Instruments TLC320AD545PTRG4 Datasheet HTML 5Page - Texas Instruments TLC320AD545PTRG4 Datasheet HTML 6Page - Texas Instruments TLC320AD545PTRG4 Datasheet HTML 7Page - Texas Instruments TLC320AD545PTRG4 Datasheet HTML 8Page - Texas Instruments TLC320AD545PTRG4 Datasheet HTML 9Page - Texas Instruments TLC320AD545PTRG4 Datasheet HTML 10Page - Texas Instruments TLC320AD545PTRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
1–1
1 Introduction
The TLC320AD545 single channel data/fax codec is a mixed signal broadband connectivity device. The
TLC320AD545 is comprised of a single channel codec and analog hybrid circuitry with a serial port for communication
with the host processor. The device also contains programmable gain control and one AT41 speaker driver. The
device operates with either a 5-V analog, a 5-V digital, and a 5-V monitor power supply or a 3.3-V analog, a 3.3-V
digital, and a 3.3-V monitor power supply or 5-V analog, 3.3-V digital, and a 5-V monitor power supply. The device
will be packaged in a single 48-pin PT (TQFP) package.
1.1
Features
Analog, Digital, and Monitor Amp Power Supplies: 5 V or 3.3 V
Differential and Single-Ended Driving of Analog Output
Software Power-Down Mode
Sample Rate Up to 11.025 kHz
16-Bit Signal Processing in the Codec With 2s-Complement Data Format
Typical 80-db Dynamic Range
Total Signal-to-Noise + Distortion of 80 dB for the ADCs
Total Signal-to-Noise + Distortion of 78 dB for the DACs
Programmable Gain Amplifier
600-
Ω Driver
8-
Ω AT41 Differential Speaker Driver With Programmable Gain Amplifier
Flash Write Enable Circuit Provide Power for Writing the Flash Memory Device
Available in 48-Pin PT (TQFP) Package Operating From –40
_C to 85_C
Transformer Reference ( 2.5 mA Source and Sink at 2.5 V for 5 V-Supply and 1.5 V for 3.3-V Supply) to allow
Single-Ended Driving


Similar Part No. - TLC320AD545PTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD545PT TI-TLC320AD545PT Datasheet
174Kb / 35P
[Old version datasheet]   Single Channel Data/Fax Codec
More results

Similar Description - TLC320AD545PTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AD543 TI-TLV320AD543 Datasheet
181Kb / 35P
[Old version datasheet]   Single Channel Data/Fax Codec
TLC320A545C-I TI-TLC320A545C-I Datasheet
174Kb / 35P
[Old version datasheet]   Single Channel Data/Fax Codec
TLV320AD543 TI1-TLV320AD543_08 Datasheet
183Kb / 34P
[Old version datasheet]   Single Channel Data/Fax Codec
logo
List of Unclassifed Man...
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
   Single Device Data/Fax Modem Data Pump
logo
OKI electronic componet...
MSM7564-01 OKI-MSM7564-01 Datasheet
198Kb / 28P
   A Single Chip 14.4 kbps Data & Fax Modem
logo
Molex Electronics Ltd.
79529-5002 MOLEX-79529-5002 Datasheet
332Kb / 2P
   TelEnable짰 FDM (Fax/Data Module)
79524-5000 MOLEX-79524-5000 Datasheet
487Kb / 2P
   TelEnable??FDC Fax / Data Card
logo
Texas Instruments
TLC320AD535C-I TI-TLC320AD535C-I Datasheet
205Kb / 43P
[Old version datasheet]   DUAL CHANNEL VOICE/DATA CODEC
TLC320AD535C-I TI1-TLC320AD535C-I_16 Datasheet
203Kb / 42P
[Old version datasheet]   DUAL CHANNEL VOICE/DATA CODEC
logo
PHOENIX CONTACT
100500 PHOENIX-100500 Datasheet
323Kb / 7P
   PSI-DATA/FAX-MODEM/RS232
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com