Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F383-GQ Datasheet(PDF) 2 Page - Silicon Laboratories

Part # C8051F383-GQ
Description  Full Speed USB Flash MCU Family
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F383-GQ Datasheet(HTML) 2 Page - Silicon Laboratories

  C8051F383-GQ Datasheet HTML 1Page - Silicon Laboratories C8051F383-GQ Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USB
Copyright © 2011 by Silicon Laboratories
03.30.11
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders
Selected Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Units
Digital Supply Voltage
VRST
3.3
3.6
V
Digital Supply RAM Data
Retention Voltage
—1.5
V
SYSCLK (System Clock)
0—
48
MHz
Specified Operating
Temperature Range
–40
+85
°C
Voltage Regulator (REG0)
Input Voltage Range
2.7
5.25
V
Output Voltage (VDD)
Output Current
= 1 to 100 mA
3.0
3.3
3.6
V
Output Current
100
mA
ADC-DC Accuracy
Resolution
10
bits
SAR Conversion Clock
8.33
MHz
Throughput Rate
500
ksps
Voltage Reference
Output Voltage
25 °C ambient
2.38
2.42
2.46
V
VREF Short-Circuit
Current
——
7
mA
Comparators
Response Time:
Mode 0, Vcm* = 1.5 V
CP0+ – CP0– =
100 mV
—100
ns
CP0+ – CP0– =
–100 mV
—250
ns
C8051F38x Development Kit
Product Selection Guide
C8051F380-GQ
48
64k
4352
Yes Yes Yes Yes
2
Yes
2
6
Yes
40
Yes Yes Yes Yes
2
TQFP48
C8051F381-GQ
48
64k
4352
Yes Yes Yes Yes
2
Yes
2
6
Yes
25
Yes Yes Yes
2
LQFP32
C8051F381-GM
48
64k
4352
Yes Yes Yes Yes
2
Yes
2
6
Yes
25
Yes Yes Yes
2
QFN32
C8051F382-GQ
48
32k
2304
Yes Yes Yes Yes
2
Yes
2
6
Yes
40
Yes Yes Yes Yes
2
TQFP48
C8051F383-GQ
48
32k
2304
Yes Yes Yes Yes
2
Yes
2
6
Yes
25
Yes Yes Yes
2
LQFP32
C8051F383-GM
48
32k
2304
Yes Yes Yes Yes
2
Yes
2
6
Yes
25
Yes Yes Yes
2
QFN32
C8051F384-GQ
48
64k
4352
Yes Yes Yes Yes
2
Yes
2
6
Yes
40
Yes
2
TQFP48
C8051F385-GQ
48
64k
4352
Yes Yes Yes Yes
2
Yes
2
6
Yes
25
2
LQFP32
C8051F385-GM
48
64k
4352
Yes Yes Yes Yes
2
Yes
2
6
Yes
25
2
QFN32
C8051F386-GQ
48
32k
2304
Yes Yes Yes Yes
2
Yes
2
6
Yes
40
Yes
2
TQFP48
C8051F387-GQ
48
32k
2304
Yes Yes Yes Yes
2
Yes
2
6
Yes
25
2
LQFP32
C8051F387-GM
48
32k
2304
Yes Yes Yes Yes
2
Yes
2
6
Yes
25
2
QFN32
C8051F38x
Full Speed USB Flash MCU Family


Similar Part No. - C8051F383-GQ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F383-GQ SILABS-C8051F383-GQ Datasheet
182Kb / 2P
   C8051F38x Datasheet Revision 1.2
C8051F383-GQ SILABS-C8051F383-GQ Datasheet
84Kb / 1P
   Version 1.3 of the C8051F380/1/2/3/4/5/6/7 datasheet is now available
More results

Similar Description - C8051F383-GQ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F340-GQR SILABS-C8051F340-GQR Datasheet
1Mb / 276P
   Full Speed USB Flash MCU Family
logo
List of Unclassifed Man...
C8051F340 ETC1-C8051F340 Datasheet
2Mb / 282P
   Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F340_0608 SILABS-C8051F340_0608 Datasheet
2Mb / 288P
   Full Speed USB Flash MCU Family
logo
List of Unclassifed Man...
C8051F32X ETC-C8051F32X Datasheet
3Mb / 256P
   Full Speed USB, 16k ISP FLASH MCU Family
C8051F326 ETC1-C8051F326 Datasheet
1Mb / 40P
   Full Speed USB, 16 kB Flash MCU Family
C8051F327-GM ETC2-C8051F327-GM Datasheet
1Mb / 142P
   Full Speed USB, 16 kB Flash MCU Family
logo
Silicon Laboratories
C8051F326 SILABS-C8051F326_08 Datasheet
1Mb / 141P
   Full Speed USB, 16 kB Flash MCU Family
C8051F320DK SILABS-C8051F320DK Datasheet
1Mb / 250P
   Full Speed USB, 16 k ISP FLASH MCU Family
C8051F321-GMR SILABS-C8051F321-GMR Datasheet
1Mb / 250P
   Full Speed USB, 16 k ISP FLASH MCU Family
C8051F320 SILABS-C8051F320_09 Datasheet
1Mb / 251P
   Full Speed USB, 16 k ISP FLASH MCU Family
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com