Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7225CDWG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC7225CDWG4
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7225CDWG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC7225CDWG4 Datasheet HTML 2Page - Texas Instruments TLC7225CDWG4 Datasheet HTML 3Page - Texas Instruments TLC7225CDWG4 Datasheet HTML 4Page - Texas Instruments TLC7225CDWG4 Datasheet HTML 5Page - Texas Instruments TLC7225CDWG4 Datasheet HTML 6Page - Texas Instruments TLC7225CDWG4 Datasheet HTML 7Page - Texas Instruments TLC7225CDWG4 Datasheet HTML 8Page - Texas Instruments TLC7225CDWG4 Datasheet HTML 9Page - Texas Instruments TLC7225CDWG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TLC7225C, TLC7225I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS109B – OCTOBER 1996 – REVISED FEBRUARY 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range
dual power supply over recommended supply and reference voltage ranges, AGND = DGND = 0 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Slew rate
2.5
V/
µs
t
Settling time to 1/2 LSB
Positive full scale
V f(ABCD) =10V
5
µs
ts
Settling time to 1/2 LSB
Negative full scale
Vref(A, B, C, D) = 10 V
7
µs
Resolution
8
Bits
Total unadjusted error
VDD = 15 V ± 5%,
Vref(A, B, C, D) = 10 V
±2
LSB
Integral nonlinearity (INL)
VDD = 15 V ± 5%,
Vref(A, B, C, D) = 10 V
±1
LSB
Differential nonlinearity (DNL)
VDD = 15 V ± 5%,
Vref(A, B, C, D) = 10 V
±1
LSB
EFS
Full-scale error
VDD = 15 V ± 5%,
Vref(A, B, C, D) = 10 V
±2
LSB
EG
Gain error
VDD = 15 V ± 5%,
Vref(A, B, C, D) = 10 V
±0.25
LSB
Temperature coefficient
Full-scale error
VDD =14Vto16 5 V
V f(ABCD) =10V
±20
ppm/
°C
of gain
Zero-code error
VDD = 14 V to 16.5 V, Vref(A, B, C, D) = 10 V
±50
µV/°C
Zero-code error
±20
±80
mV
Digital crosstalk or feedthrough glitch
impulse area
Vref(A, B, C, D) = 0
50
nV– s
single power supply, VDD = 14.25 V to 15.75 V, VSS = AGND = DGND = 0 V, Vref(A, B, C, D) = 10 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Slew rate
2
V/
µs
t
Settling time to 1/2 LSB
Positive full scale
5
µs
ts
Settling time to 1/2 LSB
Negative full scale
20
µs
Resolution
8
Bits
Total unadjusted error
±2
LSB
EFS
Full-scale error
±2
LSB
Temperature coefficient of gain
Full-scale error
VDD = 14 V to 16.5 V,
Vref(A, B, C, D) = 10 V
±20
ppm/
°C
g
Zero-code error
±50
µV/°C
Differential nonlinearity error (DNL)
±1
LSB
Digital crosstalk or feedthrough glitch impulse area
50
nV– s


Similar Part No. - TLC7225CDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7225CDWG4 TI-TLC7225CDWG4 Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC7225CDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C_08 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI-TLC7226C_15 Datasheet
964Kb / 24P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com