Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK1211 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1211
Description  ETHERNET TRANSCEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK1211 Datasheet(HTML) 1 Page - Texas Instruments

  TLK1211 Datasheet HTML 1Page - Texas Instruments TLK1211 Datasheet HTML 2Page - Texas Instruments TLK1211 Datasheet HTML 3Page - Texas Instruments TLK1211 Datasheet HTML 4Page - Texas Instruments TLK1211 Datasheet HTML 5Page - Texas Instruments TLK1211 Datasheet HTML 6Page - Texas Instruments TLK1211 Datasheet HTML 7Page - Texas Instruments TLK1211 Datasheet HTML 8Page - Texas Instruments TLK1211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
17 18 19
JTDI
SYNC/PASS
GND
RD0
RD1
RD2
VDD
RD3
RD4
RD5
RD6
VDD
RD7
RD8
RD9
GND
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
20
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
GND
TD0
TD1
TD2
VDD
TD3
TD4
TD5
TD6
VDD
TD7
TD8
TD9
GND
MODESEL
PRBSEN
21 22 23 24
63 62 61 60 59
64
58
56 55 54
57
25 26 27 28 29
53 52 51 50 49
30 31 32
TLK1211RCP
www.ti.com
SLLS658D
– SEPTEMBER 2006 – REVISED APRIL 2011
ETHERNET TRANSCEIVERS
Check for Samples: TLK1211RCP
1
FEATURES
Advanced 0.25-
μm CMOS Technology
No External Filter Capacitors Required
2
0.6-Gbps to 1.3-Gbps Serializer/Deserializer
Comprehensive Suite of Built-In Testability
Low Power Consumption
<250 mW (typ) at
1.25 Gbps
IEEE 1149.1 JTAG Support
Fast Relock Times Less Than 256 ns (Typ)
2.5-V Supply Voltage for Lowest Power
Suitable for EPON/GEPON Applications
Operation
LVPECL Compatible Differential I/O on High
3.3-V Tolerant on LVTTL Inputs
Speed Interface
Hot Plug Protection
Single Monolithic PLL Design
64-Pin VQFP With Thermally Enhanced
Support For 10-Bit Interface or Reduced
Package ( PowerPAD
™)
Interface 5-Bit DDR (Double Data Rate)
CPRI Data Rate Compatible (614 Mbps,
Clocking
1.22 Gbps)
Receiver Differential Input Thresholds 200 mV
Industrial Temperature Range
Minimum
Supported:
–40°C to 85°C
IEEE 802.3 Gigabit Ethernet Compliant
ANSI X3.230-1994 (FC-PH) Fibre Channel
Compliant
DESCRIPTION
The TLK1211RCP gigabit ethernet transceiver provides for ultrahigh-speed, full-duplex, point-to-point data
transmissions. This device is based on the timing requirements of the 10-bit interface specification by the IEEE
802.3 gigabit ethernet specification and is also compliant with the ANSI X3.230-1994 (FC-PH) fibre channel
standard. The device supports data rates from 0.6 Gbps to 1.3 Gbps.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2006–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLK1211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1211RCP TI-TLK1211RCP Datasheet
235Kb / 20P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1211RCP TI-TLK1211RCP Datasheet
366Kb / 20P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1211RCPG4 TI-TLK1211RCPG4 Datasheet
235Kb / 20P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1211RCPG4 TI-TLK1211RCPG4 Datasheet
366Kb / 20P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1211RCP TI-TLK1211RCP_07 Datasheet
366Kb / 20P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results

Similar Description - TLK1211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1201IRCPRG4 TI-TLK1201IRCPRG4 Datasheet
541Kb / 22P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201A TI-TLK2201A Datasheet
348Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201 TI-TLK1201 Datasheet
279Kb / 19P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201B TI-TLK2201B Datasheet
340Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201ARCP TI-TLK1201ARCP Datasheet
272Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201A TI1-TLK1201A Datasheet
790Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2211 TI-TLK2211 Datasheet
551Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201B TI1-TLK2201B_13 Datasheet
1Mb / 24P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201RCP TI1-TLK1201RCP Datasheet
1Mb / 25P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK2201 TI-TLK2201 Datasheet
263Kb / 19P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com