Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2500 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLK2500
Description  1.6 Gbps to 2.5 Gbps TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2500 Datasheet(HTML) 2 Page - Texas Instruments

  TLK2500 Datasheet HTML 1Page - Texas Instruments TLK2500 Datasheet HTML 2Page - Texas Instruments TLK2500 Datasheet HTML 3Page - Texas Instruments TLK2500 Datasheet HTML 4Page - Texas Instruments TLK2500 Datasheet HTML 5Page - Texas Instruments TLK2500 Datasheet HTML 6Page - Texas Instruments TLK2500 Datasheet HTML 7Page - Texas Instruments TLK2500 Datasheet HTML 8Page - Texas Instruments TLK2500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLK2500IRCP
1.6 Gbps to 2.5 Gbps TRANSCEIVER
SLLS356B – JUNE 1999 – REVISED JANUARY 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
block diagram
LOOPEN
DINRXN
DINRXP
BIAS
RREF
Clock
PRBSEN
Clock
DOUTTXP
DOUTTXN
RX_CLK
RX_DV
RX_ER
PRBS_PASS
TX_EN
TD0..TD15
8
8
RDO..RD15
PRBS
Verification
Clock Synthesizer
Interpolator and
Clock Recovery
ENABLE
10
Comma
Detect
and 8B/10B
Decoding
PRBSEN
PRBSEN
TX_ER
PRBSEN
TESTEN
10
10
Controls:
PLL,Bias,Rx,
Tx
PRBS
Generator
MUX
GTX_CLK
2:1
MUX
Parallel to
Serial
10
2:1
MUX
2:1
MUX
Serial to
Parallel
10
1:2
MUX
10
10
8
8
2:1
MUX
Data
Comma
Detect
and 8B/10B
Decoding
10


Similar Part No. - TLK2500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
More results

Similar Description - TLK2500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI-TLK2711-SP Datasheet
310Kb / 21P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_16 Datasheet
414Kb / 29P
[Old version datasheet]   TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK2711JRZQE TI1-TLK2711JRZQE Datasheet
619Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2711IRCP TI-TLK2711IRCP Datasheet
634Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2701 TI-TLK2701 Datasheet
291Kb / 21P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2701 TI1-TLK2701_16 Datasheet
858Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com