Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2500 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLK2500
Description  1.6 Gbps to 2.5 Gbps TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2500 Datasheet(HTML) 5 Page - Texas Instruments

  TLK2500 Datasheet HTML 1Page - Texas Instruments TLK2500 Datasheet HTML 2Page - Texas Instruments TLK2500 Datasheet HTML 3Page - Texas Instruments TLK2500 Datasheet HTML 4Page - Texas Instruments TLK2500 Datasheet HTML 5Page - Texas Instruments TLK2500 Datasheet HTML 6Page - Texas Instruments TLK2500 Datasheet HTML 7Page - Texas Instruments TLK2500 Datasheet HTML 8Page - Texas Instruments TLK2500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TLK2500IRCP
1.6 Gbps to 2.5 Gbps TRANSCEIVER
SLLS356B – JUNE 1999 – REVISED JANUARY 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
transmit interface (continued)
high-speed data output
The high speed data output driver consists of a differential pair (CML) that can be optimized for a particular
transmission line impedance and length. The line can be directly coupled or ac coupled. The drivers provide
pre-emphasis and de-emphasis. Pre-emphasis is a boost in the serial driver current occurring during a bit
transition (either high-to-low or low-to-high). This current is held for one bit time. De-emphasis is a reduction
in the serial driver current directly following a pre-emphasis event if there is not a transition after the
pre-emphasis event. De-emphasis can be held for multiple bit times if no transition occurs. Refer to Figure 10
and Figure 11 for termination details.
receive interface
The receiver portion of the TLK2500 accepts 8B/10B encoded differential serial data. The interpolator and clock
recovery circuit will lock to the data stream and extract the bit rate clock. This recovered clock is used to retime
the input data stream. The serial data is then aligned to two separate 10-bit word boundaries, 8B/10B decoded
and output on a 16 bit wide parallel bus synchronized to the extracted receive clock.
low-speed data bus
The receive bus interface drives 16 bit wide single-ended TTL parallel data at the RXD[0–15] pins. Data is valid
on the rising edge of RX_CLK when RX_DV is asserted high. The RX_CLK is used as the byte clock. The data,
enable and clock signals must be properly aligned as shown in Figure 3. Detailed timing information can be
found in the TTL output switching characteristics table.
RX_CLK
RXDn, RX_ER, RX_DV
tSETUP
tHOLD
Figure 3. Receive Timing Waveform
data reception latency
The serial-to-parallel data latency is the time from when the first bit arrives at the receiver until it is output in the
aligned parallel word with RXD0 received as first bit. The minimum latency is 76 bit times; the maximum is 107
bit times.


Similar Part No. - TLK2500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
More results

Similar Description - TLK2500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2711-SP TI1-TLK2711-SP_15 Datasheet
414Kb / 29P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI-TLK2711-SP Datasheet
310Kb / 21P
[Old version datasheet]   1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK2711-SP TI1-TLK2711-SP_16 Datasheet
414Kb / 29P
[Old version datasheet]   TLK2711-SP 1.6-Gbps to 2.5-Gbps Class V Transceiver
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK2711JRZQE TI1-TLK2711JRZQE Datasheet
619Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2711IRCP TI-TLK2711IRCP Datasheet
634Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2701 TI-TLK2701 Datasheet
291Kb / 21P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
TLK2701 TI1-TLK2701_16 Datasheet
858Kb / 27P
[Old version datasheet]   1.6 TO 2.7 GBPS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com