Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2553-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2553-Q1
Description  12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TLV2553-Q1 Datasheet HTML 1Page - Texas Instruments TLV2553-Q1 Datasheet HTML 2Page - Texas Instruments TLV2553-Q1 Datasheet HTML 3Page - Texas Instruments TLV2553-Q1 Datasheet HTML 4Page - Texas Instruments TLV2553-Q1 Datasheet HTML 5Page - Texas Instruments TLV2553-Q1 Datasheet HTML 6Page - Texas Instruments TLV2553-Q1 Datasheet HTML 7Page - Texas Instruments TLV2553-Q1 Datasheet HTML 8Page - Texas Instruments TLV2553-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
TLV2553-Q1
SLAS579 – APRIL 2009 ..................................................................................................................................................................................................... www.ti.com
over operating free-air temperature range (unless otherwise noted)
VALUE
VCC
Supply voltage range(2)
–0.5 V to 6.5 V
VI
Input voltage range (any input)
–0.3 V to VCC + 0.3
VO
Output voltage range
–0.3 V to VCC + 0.3
Vref+
Positive reference voltage range
–0.3 V to VCC + 0.3
Vref–
Negative reference voltage range
–0.3 V to VCC + 0.3
II
Peak input current (any input)
±20 mA
Peak total input current (all inputs)
±30 mA
TJ
Operating virtual junction temperature range
–40°C to 150°C
TA
Operating free-air temperature range
–40°C to 85°C
Tstg
Storage temperature range
–65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from the case for 10 seconds
260°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the GND terminal with REF– and GND wired together (unless otherwise noted).
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2.7
5.5
V
16-bit I/O
0.01
15
VCC = 4.5 V to 5.5 V
12-bit I/O
0.01
15
I/O CLOCK frequency
MHz
18-bit I/O
0.01
15
VCC = 2.7 to 3.6 V
0.01
10
Tolerable clock jitter, I/O CLOCK
VCC = 4.5 V to 5.5 V
0.38
ns
Aperature jitter
VCC = 4.5 V to 5.5 V
100
ps
VCC = 4.5 V to 5.5 V
0
REF+ – REF–
Analog input voltage(1)
VCC = 3 V to 3.6 V
0
V
VCC = 2.7 V to 3 V
0
VCC = 4.5 V to 5.5 V
2
VIH
High-level control input voltage
V
VCC = 2.7 V to 3.6 V
2.1
VCC = 4.5 V to 5.5 V
0.8
VIL
Low-level control input voltage
V
VCC = 2.7 V to 3.6 V
0.6
TA
Operating free-air temperature
–40
85
°C
(1)
Analog input voltages greater than the voltage applied to REF+ convert as all ones (111111111111), while input voltages less than the
voltage applied to REF– convert as all zeros (000000000000).
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TLV2553-Q1


Similar Part No. - TLV2553-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2553-Q1 TI1-TLV2553-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit 200-KSPS 11-Channel Low-Power Serial ADC
More results

Similar Description - TLV2553-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI1-TLV2553_14 Datasheet
986Kb / 30P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit 200-KSPS 11-Channel Low-Power Serial ADC
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
logo
Analog Devices
AD678 AD-AD678_15 Datasheet
305Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD678 AD-AD678 Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com