Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZWS240BP36 Datasheet(PDF) 1 Page - TDK Electronics

Part # ZWS240BP36
Description  150W to 480W Single Output Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ZWS240BP36 Datasheet(HTML) 1 Page - TDK Electronics

  ZWS240BP36 Datasheet HTML 1Page - TDK Electronics ZWS240BP36 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
117
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
ZWS-BP Series
Features
u
Universal Input (85 - 265VAC)
u
Power factor Corrected
u
Up to 200% Peak Power capability
u
Five year warranty
u
Less than 0.5mA earth leakage current
150W to 480W Single Output Power Supplies
Notes:
(1) 100/200VAC
(2) 25°C ambient (cold start)
(3) Avoid prolonged operation in overload
Model
ZWS150BP
ZWS240BP
Input Voltage
V
85-265VAC (47-63Hz), 120-370VDC (Derate to 80% load below 90VAC Input)
Input Current
A
1.9 / 0.95
2.8 / 1.5
Inrush Current
(1)(2)
A
14 / 28
15 / 30
Power Factor
V
0.98 at 100VAC, 0.93 at 200VAC, Meets EN61000-3-2
Leakage Current
mA
0.5mA Max. Typically 0.2mA (100VAC), 0.4mA (230VAC)
Temperature Coefficient
%/°C
<0.02%/°C
Overcurrent Protection
(3)
-
>101% of peak current capability (constant current style)
Overvoltage Protection
V
24V: 27.6-32.4V, 36V: 41.4-48.6, 48V: 55.2-64.8V
Hold Up Time (Typ)
(1)
ms
20
Efficiency
(1)
%
87 / 90%
88 / 91%
Remote On/Off
Optional, contact factory
Line Regulation
%
0.4%
Load Regulation
%
0.8%
Ripple & Noise
%
1%
Operating Temperature
°C
-10°C to +70°C, derate linearly to 50% load from 50°C to 70°C
Storage Temperature
°C
-30 to +75°C
Humidity (non condensing)
%RH
Operating: 30 - 90%RH, Storage: 10 - 90%RH
Cooling
Convection
Withstand Voltage
Input to Ground 2kVAC (20mA), Input to Output 3kVAC (20mA),
Output to Ground 500VAC (20mA) for 1 min.
Isolation Resistance
>100M at 25°C & 70%RH, Output to Ground 500VDC
Vibration (non operating)
10 - 55Hz (1 minute sweep), 19.6m/s2 constant X, Y, Z 1 hour each
Shock
< 196.1 m/s2
Safety Agency Certifications
UL60950-1, CSA60950-1, EN60950-1, EN50178 OV II, CE Mark
Conducted & Radiated EMI
EN55011/EN55022-B, FCC Class B, VCCI-B
Immunity
EN61000-4-2 (lvl2, 3), -3 (lvl 3), -4 (lvl 3), -5 (lvl 3, 4), -6 (lvl 3), -8 (lvl 4), -11
Weight (Typ)
g
360g
520g
Size (WxHxD)
in(mm)
2.95 x 1.46 x 6.3 (75 x 37 x 160)
3.31 x 1.65 x 7.09 (84 x 42 x 180)
Warranty
yrs
Five Years
Specifications
Key Market Segments & Applications


Similar Part No. - ZWS240BP36

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZWS240BP-24 TDK-ZWS240BP-24 Datasheet
175Kb / 1P
   AC-DC Power Supplies
ZWS240BP-24-A TDK-ZWS240BP-24-A Datasheet
175Kb / 1P
   AC-DC Power Supplies
ZWS240BP-24-CO2 TDK-ZWS240BP-24-CO2 Datasheet
175Kb / 1P
   AC-DC Power Supplies
ZWS240BP-24-L TDK-ZWS240BP-24-L Datasheet
175Kb / 1P
   AC-DC Power Supplies
ZWS240BP-24-R TDK-ZWS240BP-24-R Datasheet
175Kb / 1P
   AC-DC Power Supplies
More results

Similar Description - ZWS240BP36

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DPP480-24-1 RSG-DPP480-24-1 Datasheet
306Kb / 3P
   480W Single Output DIN Rail Mount Power Supplies
logo
TDK Electronics
HWS15A TDK-HWS15A Datasheet
97Kb / 2P
   50-150W Single Output Industrial Power Supplies
logo
RSG Electronic Componen...
DRF120 RSG-DRF120 Datasheet
552Kb / 6P
   120W - 480W Single Output DIN Rail Mount Power Supplies
ZWS50BAF RSG-ZWS50BAF Datasheet
817Kb / 4P
   50W to 150W Single Output Power Supplies,Low Cost, Worldwide Use
logo
MicroPower Direct, LLC
MPE-150S MPD-MPE-150S Datasheet
248Kb / 2P
   Single Output, 150W Compact, Enclosed AC/DC Power Supplies
logo
SL Power Electronics
FLU4-150 SLPOWER-FLU4-150 Datasheet
502Kb / 4P
   150W QUAD OUTPUT SWITCHING POWER SUPPLIES
logo
Mean Well Enterprises C...
HEP-480 MEANWELL-HEP-480 Datasheet
128Kb / 5P
   480W Single Output Switching Power Supply
logo
TDK Electronics
DRF120-480 TDK-DRF120-480 Datasheet
853Kb / 2P
   120-480W, 24V Output DIN Rail Mount Power Supplies
logo
MicroPower Direct, LLC
MPA150 MPD-MPA150 Datasheet
387Kb / 2P
   Compact 1U 150W Single Output Power Factor Corrected AC/DC Power Supplies
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com