Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV117112 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV117112
Description  1-A, Positive Fixed-Voltage, Low-Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV117112 Datasheet(HTML) 1 Page - Texas Instruments

  TLV117112 Datasheet HTML 1Page - Texas Instruments TLV117112 Datasheet HTML 2Page - Texas Instruments TLV117112 Datasheet HTML 3Page - Texas Instruments TLV117112 Datasheet HTML 4Page - Texas Instruments TLV117112 Datasheet HTML 5Page - Texas Instruments TLV117112 Datasheet HTML 6Page - Texas Instruments TLV117112 Datasheet HTML 7Page - Texas Instruments TLV117112 Datasheet HTML 8Page - Texas Instruments TLV117112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TLV1171xxDCY
VOUT
VIN
2
3
1
GND
TLV1171
www.ti.com
SBVS177 – APRIL 2012
1-A, Positive Fixed-Voltage, Low-Dropout Regulator
1
FEATURES
DESCRIPTION
The TLV1171 low-dropout (LDO) linear regulator is a
2
Accuracy: 1.5% (typ)
low input voltage version of the popular 1117 voltage
Low IQ: 100 μA (max)
regulator.
500x Lower Than Standard 1117 Devices
The TLV1171 is an extremely low-power device that
VIN: 2.0 V to 5.5 V
consumes 500x lower quiescent current than the
Absolute Maximum VIN: 6.0 V
traditional
1117
voltage
regulator,
making
the
TLV1171 suitable for applications that mandate very
Stable with 0-mA Output Current
low standby current. The TLV1171 LDO is also stable
Low Dropout: 455 mV at 1 A for VOUT = 3.3 V
with 0 mA of load current; there is no minimum load
High PSRR: 65 dB at 1 kHz
requirement, making the device an ideal choice for
applications where the regulator is required to power
Minimum Ensured Current Limit: 1.1 A
very small loads during standby in addition to large
Stable with Cost-Effective Ceramic Capacitors:
currents on the order of 1 A during normal operation.
With 0-
Ω ESR
The TLV1171 offers excellent line and load transient
performance, resulting in very small magnitude output
Temperature Range: –40°C to +125°C
voltage undershoots and overshoots when the load
Thermal Shutdown and Overcurrent Protection
current requirement changes from less than 1 mA to
Available Package: SOT223
more than 500 mA.
See the Package Option Addendum at the
A precision band gap and error amplifier provides
end of this document for a complete list of
1.5% accuracy. A very high power-supply rejection
available voltage options.
ratio enables the device to be used for post-
regulation after a switching regulator. Other valuable
APPLICATIONS
features include low output noise and low-dropout
voltage.
Set Top Boxes
The device is internally compensated to be stable
TVs and Monitors
with
0-
Ω
equivalent
series
resistance
(ESR)
PC Peripherals, Notebooks, and Motherboards
capacitors. These key advantages enable the use of
Modems and Other Communication Products
cost-effective, small-size ceramic capacitors. Cost-
effective capacitors that have higher bias voltages
Switching Power-Supply Post-Regulation
and temperature derating can also be used if desired.
The TLV1171 is available in a SOT223 package. For
alternate pin outs of the device, refer to the
TLV1117LV.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV117112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV117112DCYR TI-TLV117112DCYR Datasheet
805Kb / 18P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV117112DCYT TI-TLV117112DCYT Datasheet
805Kb / 18P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
More results

Similar Description - TLV117112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117LV TI1-TLV1117LV Datasheet
637Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV12 TI1-TLV1117LV12 Datasheet
698Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1171 TI-TLV1171_15 Datasheet
805Kb / 18P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV TI-TLV1117LV_15 Datasheet
901Kb / 24P
[Old version datasheet]   TLV1117LV 1-A, Positive Fixed-Voltage, Low-Dropout Regulator
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
   1 關A Low Dropout Positive Voltage Regulator
2005
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com