Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1116SAL Datasheet(PDF) 6 Page - Advanced Linear Devices

Part # ALD1116SAL
Description  QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1116SAL Datasheet(HTML) 6 Page - Advanced Linear Devices

Back Button ALD1116SAL Datasheet HTML 2Page - Advanced Linear Devices ALD1116SAL Datasheet HTML 3Page - Advanced Linear Devices ALD1116SAL Datasheet HTML 4Page - Advanced Linear Devices ALD1116SAL Datasheet HTML 5Page - Advanced Linear Devices ALD1116SAL Datasheet HTML 6Page - Advanced Linear Devices ALD1116SAL Datasheet HTML 7Page - Advanced Linear Devices ALD1116SAL Datasheet HTML 8Page - Advanced Linear Devices ALD1116SAL Datasheet HTML 9Page - Advanced Linear Devices ALD1116SAL Datasheet HTML 10Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ALD1106/ALD1116
Advanced Linear Devices
6 of 11
8 Pin Plastic SOIC Package
SOIC-8 PACKAGE DRAWING
Millimeters
Inches
Min
Max
Min
Max
Dim
A
A1
b
C
D-8
E
e
H
L
S
1.75
0.25
0.45
0.25
5.00
4.05
6.30
0.937
8
°
0.50
0.053
0.004
0.014
0.007
0.185
0.140
0.224
0.024
0
°
0.010
0.069
0.010
0.018
0.010
0.196
0.160
0.248
0.037
8
°
0.020
1.27 BSC
0.050 BSC
1.35
0.10
0.35
0.18
4.69
3.50
5.70
0.60
0
°
0.25
ø
L
C
H
S (45
°)
ø
e
A
A1
b
D
S (45
°)
E


Similar Part No. - ALD1116SAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1116SA ALD-ALD1116SA Datasheet
34Kb / 4P
   QUAD/DUAL N-CHANNEL MATCHED MOSFET ARRAY
More results

Similar Description - ALD1116SAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1106 ALD-ALD1106_V01 Datasheet
106Kb / 11P
   QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2012
logo
ADL Embedded Solutions
ALD1106 ADL-ALD1106 Datasheet
82Kb / 9P
   QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
ALD1107 ADL-ALD1107 Datasheet
84Kb / 9P
   QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
logo
Advanced Linear Devices
ALD1107 ALD-ALD1107_12 Datasheet
126Kb / 11P
   QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1123E ALD-ALD1123E Datasheet
55Kb / 8P
   QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY
ALD1121E ALD-ALD1121E_12 Datasheet
148Kb / 14P
   QUAD/DUAL EPAD짰 PRECISION N-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD1106 ALD-ALD1106 Datasheet
34Kb / 4P
   QUAD/DUAL N-CHANNEL MATCHED MOSFET ARRAY
ALD110808 ALD-ALD110808 Datasheet
42Kb / 2P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD114804 ALD-ALD114804 Datasheet
422Kb / 2P
   QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD110804 ALD-ALD110804 Datasheet
42Kb / 2P
   QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com