Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1110EDA Datasheet(PDF) 8 Page - Advanced Linear Devices

Part # ALD1110EDA
Description  QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1110EDA Datasheet(HTML) 8 Page - Advanced Linear Devices

Back Button ALD1110EDA Datasheet HTML 4Page - Advanced Linear Devices ALD1110EDA Datasheet HTML 5Page - Advanced Linear Devices ALD1110EDA Datasheet HTML 6Page - Advanced Linear Devices ALD1110EDA Datasheet HTML 7Page - Advanced Linear Devices ALD1110EDA Datasheet HTML 8Page - Advanced Linear Devices ALD1110EDA Datasheet HTML 9Page - Advanced Linear Devices ALD1110EDA Datasheet HTML 10Page - Advanced Linear Devices ALD1110EDA Datasheet HTML 11Page - Advanced Linear Devices ALD1110EDA Datasheet HTML 12Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ALD1108E/ALD1110E
Advanced Linear Devices
8 of 14
TYPICAL PERFORMANCE CHARACTERISTICS (cont.)
OFFSET VOLTAGE vs.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
-50
-25
0
25
50
125
100
75
4
3
2
1
0
-1
-2
-3
-4
REPRESENTATIVE UNITS
GATE SOURCE VOLTAGE
vs. ON - RESISTANCE
5.0
4.0
3.0
2.0
1.0
0.1
1
100
10
1000
10000
+25
°C
ON - RESISTANCE (K
Ω)
+125
°C
VDS
IDS(ON)
D
VGS
S
0.0V
≤ VDS ≤ 5.0V
DRAIN - GATE DIODE CONNECTED VOLTAGE
TEMPCO vs. DRAIN SOURCE ON CURRENT
5
DRAIN SOURCE ON CURRENT (
µA)
1
10
100
1000
-55
°C ≤ TA ≤ +125°C
0
-5
-2.5
2.5
GATE LEAKAGE CURRENT
vs. AMBIENT TEMPERATURE
-50
-25
0
25
50
125
100
75
500
400
300
200
600
100
0
AMBIENT TEMPERATURE (
°C)
IGSS


Similar Part No. - ALD1110EDA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1110EDA ALD-ALD1110EDA Datasheet
77Kb / 10P
   QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
More results

Similar Description - ALD1110EDA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1108E ALD-ALD1108E Datasheet
77Kb / 10P
   QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
ALD1108E ALD-ALD1108E_14 Datasheet
142Kb / 14P
   QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
logo
ADL Embedded Solutions
ALD1108E ADL-ALD1108E Datasheet
146Kb / 14P
   QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD??
2012
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com