Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1608X7R1H103K Datasheet(PDF) 3 Page - Texas Instruments

Part # C1608X7R1H103K
Description  ADS1131REF and ADS1231REF
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C1608X7R1H103K Datasheet(HTML) 3 Page - Texas Instruments

  C1608X7R1H103K Datasheet HTML 1Page - Texas Instruments C1608X7R1H103K Datasheet HTML 2Page - Texas Instruments C1608X7R1H103K Datasheet HTML 3Page - Texas Instruments C1608X7R1H103K Datasheet HTML 4Page - Texas Instruments C1608X7R1H103K Datasheet HTML 5Page - Texas Instruments C1608X7R1H103K Datasheet HTML 6Page - Texas Instruments C1608X7R1H103K Datasheet HTML 7Page - Texas Instruments C1608X7R1H103K Datasheet HTML 8Page - Texas Instruments C1608X7R1H103K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.ti.com
Getting Started
1
Getting Started
A diagram of the ADS1x31REF is shown in Figure 1.
Figure 1. ADS1x31REF Controls and Connectors
1.1
Operating Modes
The ADS1x31REF operates in one of three modes:
Scale mode: When the mode select switch is in Scale position, the ADS1x31REF acts as a basic
weigh scale. The scale has tare, range, and calibrate functions, and can display metric (SI) units. Other
parameters can be configured in configuration screens. Scale mode is described in detail in Section 2.
Analysis mode: When the mode select switch is in Analysis position, codes are taken directly from the
installed ADS device and various measurements are made upon them. Several measurements are
available, including raw display, voltage, RMS noise, and peak-to-peak measurements. The ADS1131
or ADS1231 can also be configured directly from this mode. Analysis mode is described in detail in
Section 3.
Configuration mode: Parameters governing the operation of the ADS1x31REF can be viewed and
altered in this mode. Scale and Analysis modes have different options in configuration mode:
configuration for Scale mode is described in Section 2.4, and configuration for Analysis mode is
described in Section 3.4.
3
SBAU175A
– July 2010 – Revised August 2011
ADS1131REF and ADS1231REF
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - C1608X7R1H103K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C1608X7R1H103K TI-C1608X7R1H103K Datasheet
380Kb / 8P
[Old version datasheet]   Medium Integrated Power Solution Using a Dual DC/DC Converter and an LDO
C1608X7R1H103K TI-C1608X7R1H103K Datasheet
166Kb / 9P
[Old version datasheet]   High-Efficiency Power Solution Using DC/DC Converter With DVFS
logo
TDK Electronics
C1608X7R1H103K TDK-C1608X7R1H103K Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
logo
Texas Instruments
C1608X7R1H103K TI1-C1608X7R1H103K Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
TDK Electronics
C1608X7R1H103K080AA TDK-C1608X7R1H103K080AA Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1608X7R1H103K

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WLDF MINILOGIC-ML74WLDF Datasheet
156Kb / 4P
   AND Gate (unbuffered) and Buffered
logo
C&K Components
CCM03MK2 CK-COMPONENTS-CCM03MK2 Datasheet
1Mb / 15P
   Compatible with pick and place and
logo
AVAGO TECHNOLOGIES LIMI...
SAS-9305 AVAGO-SAS-9305 Datasheet
698Kb / 2P
   Supports SSDs and HDDs and tapedrives
logo
Ferroxcube Internationa...
FRM20 FERROXCUBE-FRM20_1 Datasheet
59Kb / 6P
   Frame and Bar cores and accessories
CPHS-FRM21-7S-8P FERROXCUBE-CPHS-FRM21-7S-8P Datasheet
29Kb / 1P
   Frame and Bar cores and accessories
CPHS-FRM27-6S-8P FERROXCUBE-CPHS-FRM27-6S-8P Datasheet
34Kb / 1P
   Frame and Bar cores and accessories
FRM20 FERROXCUBE-FRM20 Datasheet
18Kb / 1P
   Frame and Bar cores and accessories
FRM243910 FERROXCUBE-FRM243910 Datasheet
58Kb / 5P
   Frame and Bar cores and accessories
logo
Maxim Integrated Produc...
MAX1668EVSYS MAXIM-MAX1668EVSYS Datasheet
1Mb / 7P
   Measures and Displays Remote and Internal
Rev 0; 12/00
logo
Renesas Technology Corp
SLG7NT4774V RENESAS-SLG7NT4774V Datasheet
977Kb / 9P
   ALL_SYS_PWRGD and PCH_PWROK and SYS_PWROK Logic
February 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com