Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM2TR72EPH Datasheet(PDF) 4 Page - Texas Instruments

Part # TM2TR72EPH
Description  SYNCHRONOUS DYNAMIC RAM MODULES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM2TR72EPH Datasheet(HTML) 4 Page - Texas Instruments

  TM2TR72EPH Datasheet HTML 1Page - Texas Instruments TM2TR72EPH Datasheet HTML 2Page - Texas Instruments TM2TR72EPH Datasheet HTML 3Page - Texas Instruments TM2TR72EPH Datasheet HTML 4Page - Texas Instruments TM2TR72EPH Datasheet HTML 5Page - Texas Instruments TM2TR72EPH Datasheet HTML 6Page - Texas Instruments TM2TR72EPH Datasheet HTML 7Page - Texas Instruments TM2TR72EPH Datasheet HTML 8Page - Texas Instruments TM2TR72EPH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TM2TR64EPH, TM4TR64EPH
TM2TR72EPH, TM4TR72EPH
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS702B − JANUARY 1998 − REVISED APRIL 1998
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Pin Assignments
PIN
PIN
PIN
PIN
NO.
NAME
NO.
NAME
NO.
NAME
NO.
NAME
1
VSS
43
VSS
85
VSS
127
VSS
2
DQ0
44
NC
86
DQ32
128
CKE0
3
DQ1
45
S2
87
DQ33
129
S3
4
DQ2
46
DQMB2
88
DQ34
130
DQMB6
5
DQ3
47
DQMB3
89
DQ35
131
DQMB7
6
VDD
48
NC
90
VDD
132
NC
7
DQ4
49
VDD
91
DQ36
133
VDD
8
DQ5
50
NC
92
DQ37
134
NC
9
DQ6
51
NC
93
DQ38
135
NC
10
DQ7
52
CB2
94
DQ39
136
CB6
11
DQ8
53
CB3
95
DQ40
137
CB7
12
VSS
54
VSS
96
VSS
138
VSS
13
DQ9
55
DQ16
97
DQ41
139
DQ48
14
DQ10
56
DQ17
98
DQ42
140
DQ49
15
DQ11
57
DQ18
99
DQ43
141
DQ50
16
DQ12
58
DQ19
100
DQ44
142
DQ51
17
DQ13
59
VDD
101
DQ45
143
VDD
18
VDD
60
DQ20
102
VDD
144
DQ52
19
DQ14
61
NC
103
DQ46
145
NC
20
DQ15
62
NC
104
DQ47
146
NC
21
CB0
63
CKE1
105
CB4
147
NC
22
CB1
64
VSS
106
CB5
148
VSS
23
VSS
65
DQ21
107
VSS
149
DQ53
24
NC
66
DQ22
108
NC
150
DQ54
25
NC
67
DQ23
109
NC
151
DQ55
26
VDD
68
VSS
110
VDD
152
VSS
27
WE
69
DQ24
111
CAS
153
DQ56
28
DQMB0
70
DQ25
112
DQMB4
154
DQ57
29
DQMB1
71
DQ26
113
DQMB5
155
DQ58
30
S0
72
DQ27
114
S1
156
DQ59
31
NC
73
VDD
115
RAS
157
VDD
32
VSS
74
DQ28
116
VSS
158
DQ60
33
A0
75
DQ29
117
A1
159
DQ61
34
A2
76
DQ30
118
A3
160
DQ62
35
A4
77
DQ31
119
A5
161
DQ63
36
A6
78
VSS
120
A7
162
VSS
37
A8
79
CK2
121
A9
163
CK3
38
A10
80
NC
122
A11/BA0
164
NC
39
NC
81
WP
123
NC
165
SA0
40
VDD
82
SDA
124
VDD
166
SA1
41
VDD
83
SCL
125
CK1
167
SA2
42
CK0
84
VDD
126
NC
168
VDD


Similar Part No. - TM2TR72EPH

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
TM2-1 SYNERGY-TM2-1 Datasheet
246Kb / 3P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 1 - 600 MHz
TM2-GT SYNERGY-TM2-GT Datasheet
226Kb / 2P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 5 - 1500 MHz
logo
MRV Communications, Inc...
TM2-SFP4G MRV-TM2-SFP4G Datasheet
1Mb / 2P
   LambdaDriver Multi-rate Module (TM2-SFP4G)
TM2-SFPPXFPFC8 MRV-TM2-SFPPXFPFC8 Datasheet
1Mb / 2P
   LambdaDriver 8Gbps FC Dual Transponder (TM2-SFPPXFPFC8)
TM2-SFPXC MRV-TM2-SFPXC Datasheet
665Kb / 2P
   LambdaDriver짰 - Multi-rate Module (TM2-SFPXC)
More results

Similar Description - TM2TR72EPH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4TT64KPN TI1-TM4TT64KPN Datasheet
264Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM16EN64HPU TI1-TM16EN64HPU Datasheet
350Kb / 21P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFH TI1-TM2CN64EFH Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com