Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM8FJ64NPU Datasheet(PDF) 11 Page - Texas Instruments

Part # TM8FJ64NPU
Description  EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??? SODIMM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM8FJ64NPU Datasheet(HTML) 11 Page - Texas Instruments

Back Button TM8FJ64NPU Datasheet HTML 7Page - Texas Instruments TM8FJ64NPU Datasheet HTML 8Page - Texas Instruments TM8FJ64NPU Datasheet HTML 9Page - Texas Instruments TM8FJ64NPU Datasheet HTML 10Page - Texas Instruments TM8FJ64NPU Datasheet HTML 11Page - Texas Instruments TM8FJ64NPU Datasheet HTML 12Page - Texas Instruments TM8FJ64NPU Datasheet HTML 13Page - Texas Instruments TM8FJ64NPU Datasheet HTML 14Page - Texas Instruments TM8FJ64NPU Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TM4EJ64KPU, TM4EJ64NPU, TM4FJ64KPU, TM4FJ64NPU, 4194304 BY 64BIT
TM8EJ64KPU, TM8EJ64NPU, TM8FJ64KPU, TM8FJ64NPU, 8388608 BY 64BIT
EXTENDEDDATAOUT DYNAMIC RAM MODULES SODIMM
SMMS693A − AUGUST 1997 − REVISED NOVEMBER 1997
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
ac timing requirements (see Note 3)
’xxJ64xPU -40
’xxJ64xPU - 50
’xxJ64xPU - 60
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tRC
Cycle time, read
69
84
104
ns
tRWC
Cycle time, read-write
92
111
135
ns
tRASP
Pulse duration, RASx active, page mode (see Note 7)
40
100 000
50
100 000
60
100 000
ns
tRAS
Pulse duration, RASx active, nonpage mode (see Note 7)
40
10 000
50
10 000
60
10 000
ns
tRP
Pulse duration, RASx precharge
25
30
40
ns
tWP
Pulse duration, write command
6
8
10
ns
tASC
Setup time, column address
0
0
0
ns
tASR
Setup time, row address
0
0
0
ns
tDS
Setup time, data in (see Note 8)
0
0
0
ns
tRCS
Setup time, read command
0
0
0
ns
tCWL
Setup time, write command before CASx precharge
6
8
10
ns
tRWL
Setup time, write command before RASx precharge
6
8
10
ns
tWCS
Setup time, write command before CASx active
(early-write only)
0
0
0
ns
tWRP
Setup time, write before RASx active (CBR refresh only)
5
5
5
ns
tCSR
Setup time, CASx referenced to RASx (CBR refresh only)
5
5
5
ns
tCAH
Hold time, column address
6
8
10
ns
tDH
Hold time, data in (see Note 8)
6
8
10
ns
tRAH
Hold time, row address
6
8
10
ns
tRCH
Hold time, read command referenced to CASx (see Note 9)
0
0
0
ns
tRRH
Hold time, read command referenced to RASx (see Note 9)
0
0
0
ns
tWCH
Hold time, write command during CASx active
(early-write only)
6
8
10
ns
tRHCP
Hold time, RASx active from CASx precharge
22
28
35
ns
tOEH
Hold time, OE0 command
11
13
15
ns
tROH
Hold time, RASx referenced to OE0
6
8
10
ns
tWRH
Hold time, write after RASx active (CBR refresh only)
6
8
10
ns
tCHS
Hold time, CASx active after RASx precharge (self-refresh)
− 50
− 50
− 50
ns
tAWD
Delay time, column address to write command
(read-write only)
35
42
49
ns
tCHR
Delay time, CASx referenced to RASx (CBR refresh only)
6
8
10
ns
tCRP
Delay time, CASx precharge to RASx
5
5
5
ns
tCWD
Delay time, CASx to write command
(read-write operation only)
26
30
34
ns
NOTES:
3. With ac parameters, it is assumed that tT = 2 ns.
7. In a read-write cycle, tRWD and tRWL must be observed.
8. Referenced to the later of CASx or WE0 in write operations
9. Either tRRH or tRCH must be satisfied for a read cycle.


Similar Part No. - TM8FJ64NPU

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TM8 MICROSEMI-TM8 Datasheet
193Kb / 4P
   SENSISTORS
logo
Vishay Siliconix
TM8 VISHAY-TM8 Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8 VISHAY-TM8 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
SYNERGY MICROWAVE CORPO...
TM8-GT SYNERGY-TM8-GT Datasheet
256Kb / 2P
   RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL WIDE BANDWIDTH 5 - 1000 MHz
logo
Systemsensor advanced i...
TM80 SYSTEMSENSOR-TM80 Datasheet
481Kb / 2P
   SMOKE DETECTORS
More results

Similar Description - TM8FJ64NPU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2EJ64DPN TI1-TM2EJ64DPN Datasheet
312Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??SODIMM
TM4EN64KPU TI1-TM4EN64KPU Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32G TI1-TM497FBK32G Datasheet
174Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM2EP64DJN TI1-TM2EP64DJN Datasheet
679Kb / 43P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32 TI-TM497FBK32 Datasheet
170Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM4EP64BJN TI-TM4EP64BJN Datasheet
354Kb / 22P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32H TI1-TM497FBK32H Datasheet
209Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM4EP72BJB TI1-TM4EP72BJB Datasheet
248Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT BUFFERED DYNAMIC RAM MODULES
TM4SK64KPN TI1-TM4SK64KPN Datasheet
241Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES ??SODIMM
TM4SK64KPU TI1-TM4SK64KPU Datasheet
268Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES ??? SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com