Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM8EJ64NPU Datasheet(PDF) 4 Page - Texas Instruments

Part # TM8EJ64NPU
Description  EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??? SODIMM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM8EJ64NPU Datasheet(HTML) 4 Page - Texas Instruments

  TM8EJ64NPU Datasheet HTML 1Page - Texas Instruments TM8EJ64NPU Datasheet HTML 2Page - Texas Instruments TM8EJ64NPU Datasheet HTML 3Page - Texas Instruments TM8EJ64NPU Datasheet HTML 4Page - Texas Instruments TM8EJ64NPU Datasheet HTML 5Page - Texas Instruments TM8EJ64NPU Datasheet HTML 6Page - Texas Instruments TM8EJ64NPU Datasheet HTML 7Page - Texas Instruments TM8EJ64NPU Datasheet HTML 8Page - Texas Instruments TM8EJ64NPU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TM4EJ64KPU, TM4EJ64NPU, TM4FJ64KPU, TM4FJ64NPU, 4194304 BY 64BIT
TM8EJ64KPU, TM8EJ64NPU, TM8FJ64KPU, TM8FJ64NPU, 8388608 BY 64BIT
EXTENDEDDATAOUT DYNAMIC RAM MODULES SODIMM
SMMS693A − AUGUST 1997 − REVISED NOVEMBER 1997
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
small-outline dual-in-line memory module and components
The small-outline dual-in-line memory module and components include:
D PC substrate: 1,10 " 0,1 mm (0.04 inch) nominal thickness
D Bypass capacitors: Multilayer ceramic
D Contact area: Nickel plate and gold plate over copper
The following table shows the SODIMM modules and devices (Ux/UBx) that are used.
Table 1. Component Table
MODULE
DEVICES USED
TM4xJ64xPU
U[0:3]
TM8xJ64xPU
U[0:3], UB[0:3]
functional block diagram for the TMxxJ64xPU
DQ[8:15]
DQ[8:15]
CS
U0
OE0
CAS1
CAS5
DQ[40:47]
UCAS
SPD EEPROM
VSS
A0
A1
A2
SCL
SDA
CS
U1
CAS3
DQ[24:31]
CAS7
DQ[56:63]
UCAS
DQ[8:15]
A[0:12]
A[0:12]† U[0:3], UB[0:3]
RAS0
DQ[8:15]
CS
UB0
UCAS
CS
UB1
UCAS
DQ[8:15]
DQ[0:7]
DQ[0:7]
CAS0
CAS4
DQ[32:39]
LCAS
CAS2
DQ[16:23]
CAS6
DQ[48:55]
LCAS
DQ[0:7]
DQ[0:7]
LCAS
LCAS
DQ[0:7]
W
W
W
W
RAS
RAS
RAS
RAS
WE0
RAS1
LEGEND: SPD = Serial Presence Detect
CS = Chip Select
DQ[8:15]
CS
U2
UCAS
CS
U3
UCAS
DQ[8:15]
DQ[8:15]
CS
UB2
UCAS
CS
UB3
UCAS
DQ[8:15]
DQ[0:7]
LCAS
LCAS
DQ[0:7]
DQ[0:7]
LCAS
LCAS
DQ[0:7]
W
W
W
W
RAS
RAS
RAS
RAS
† A12 is not used in TM4xJ64KPU, TM8xP64KPU


Similar Part No. - TM8EJ64NPU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM8EN64KPN TI1-TM8EN64KPN Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM8EN64KPU TI1-TM8EN64KPU Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM8EN64NPN TI1-TM8EN64NPN Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM8EN64NPU TI1-TM8EN64NPU Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
More results

Similar Description - TM8EJ64NPU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2EJ64DPN TI1-TM2EJ64DPN Datasheet
312Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??SODIMM
TM4EN64KPU TI1-TM4EN64KPU Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32G TI1-TM497FBK32G Datasheet
174Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM2EP64DJN TI1-TM2EP64DJN Datasheet
679Kb / 43P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32 TI-TM497FBK32 Datasheet
170Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM4EP64BJN TI-TM4EP64BJN Datasheet
354Kb / 22P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32H TI1-TM497FBK32H Datasheet
209Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM4EP72BJB TI1-TM4EP72BJB Datasheet
248Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT BUFFERED DYNAMIC RAM MODULES
TM4SK64KPN TI1-TM4SK64KPN Datasheet
241Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES ??SODIMM
TM4SK64KPU TI1-TM4SK64KPU Datasheet
268Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES ??? SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com