Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM8EJ64NPU Datasheet(PDF) 6 Page - Texas Instruments

Part # TM8EJ64NPU
Description  EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??? SODIMM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM8EJ64NPU Datasheet(HTML) 6 Page - Texas Instruments

Back Button TM8EJ64NPU Datasheet HTML 2Page - Texas Instruments TM8EJ64NPU Datasheet HTML 3Page - Texas Instruments TM8EJ64NPU Datasheet HTML 4Page - Texas Instruments TM8EJ64NPU Datasheet HTML 5Page - Texas Instruments TM8EJ64NPU Datasheet HTML 6Page - Texas Instruments TM8EJ64NPU Datasheet HTML 7Page - Texas Instruments TM8EJ64NPU Datasheet HTML 8Page - Texas Instruments TM8EJ64NPU Datasheet HTML 9Page - Texas Instruments TM8EJ64NPU Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TM4EJ64KPU, TM4EJ64NPU, TM4FJ64KPU, TM4FJ64NPU, 4194304 BY 64BIT
TM8EJ64KPU, TM8EJ64NPU, TM8FJ64KPU, TM8FJ64NPU, 8388608 BY 64BIT
EXTENDEDDATAOUT DYNAMIC RAM MODULES SODIMM
SMMS693A − AUGUST 1997 − REVISED NOVEMBER 1997
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended ranges of supply voltage and ambient temperature
(unless otherwise noted)
TM4xJ64KPU
PARAMETER
TEST CONDITIONS†
’4xJ64KPU - 40
’4xJ64KPU -50
’4xJ64KPU - 60
UNIT
PARAMETER
TEST CONDITIONS†
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
High-level
output
IOH = − 2 mA
LVTTL
2.4
2.4
2.4
V
VOH
output
voltage
IOH = − 100 µA
LVCMOS
VDD −0.2
VDD −0.2
VDD −0.2
V
VOL
Low-level
output
IOL = 2 mA
LVTTL
0.4
0.4
0.4
V
VOL
output
voltage
IOL = 100 µA
LVCMOS
0.2
0.2
0.2
V
II
Input current
(leakage)
VDD = 3.6 V,
VI = 0 V to 3.9 V,
All others = 0 V to VDD
± 10
± 10
± 10
µA
IO
Output
current
(leakage)
VDD = 3.6 V,
VO = 0 V to VDD,
CASx high
± 10
± 10
± 10
µA
ICC1‡§
Average
read- or
write-cycle
current
VDD = 3.6 V,
Minimum cycle
640
520
440
mA
Average
VIH = 2 V LVTTL),
After one memory cycle,
RASx and CASx high
4
4
4
mA
ICC2
Average
standby
current
VIH = VDD − 0.2 V
(LVCMOS),
’4EJ64KPU
2
2
2
mA
current
(LVCMOS),
After one memory cycle,
RASx and CASx high
’4FJ64KPU
.6
.6
.6
mA
ICC3§
RASx-only
refresh,
average
refresh
curren
VDD = 3.6 V,
Minimum cycle,
RASx cycling,
CASx high
640
520
440
mA
ICC4‡¶
Average
EDO current
VDD = 3.6 V,
tHPC = MIN,
RASx low,
CASx cycling
600
480
400
mA
ICC5
Average
CBR refresh
current
VDD = 3.6 V,
Minimum cycle,
RASx low after CASx low
640
520
440
mA
ICC6#
Average
self-refresh
current
CASx < 0.2 V,
RASx < 0.2 V,
Measured after tRASS min
1.2
1.2
1.2
mA
ICC10#
Average
battery
back-up
operating
current,
CBR only
tRC = 31.25 µs,
tRAS ≤ 300 ns,
VDD − 0.2 V ≤ VIH ≤ 3.9 V,
0 V
≤ VIL ≤ 0.2 V, WE0 and OE0 = VIH,
Address and data stable
1.6
1.6
1.6
mA
† For conditions shown as MIN / MAX, use the appropriate value specified in the timing requirements.
‡ Measured with outputs open
§ Measured with a maximum of one address change while RASx = VIL
¶ Measured with a maximum of one address change during each EDO cycle, tHPC
# For TM4FJ64KPU only


Similar Part No. - TM8EJ64NPU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM8EN64KPN TI1-TM8EN64KPN Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM8EN64KPU TI1-TM8EN64KPU Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM8EN64NPN TI1-TM8EN64NPN Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM8EN64NPU TI1-TM8EN64NPU Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
More results

Similar Description - TM8EJ64NPU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2EJ64DPN TI1-TM2EJ64DPN Datasheet
312Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??SODIMM
TM4EN64KPU TI1-TM4EN64KPU Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32G TI1-TM497FBK32G Datasheet
174Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM2EP64DJN TI1-TM2EP64DJN Datasheet
679Kb / 43P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32 TI-TM497FBK32 Datasheet
170Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM4EP64BJN TI-TM4EP64BJN Datasheet
354Kb / 22P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32H TI1-TM497FBK32H Datasheet
209Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM4EP72BJB TI1-TM4EP72BJB Datasheet
248Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT BUFFERED DYNAMIC RAM MODULES
TM4SK64KPN TI1-TM4SK64KPN Datasheet
241Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES ??SODIMM
TM4SK64KPU TI1-TM4SK64KPU Datasheet
268Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES ??? SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com