Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM8SP64KPN Datasheet(PDF) 11 Page - Texas Instruments

Part # TM8SP64KPN
Description  SYNCHRONOUS DYNAMIC RAM MODULES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM8SP64KPN Datasheet(HTML) 11 Page - Texas Instruments

Back Button TM8SP64KPN Datasheet HTML 7Page - Texas Instruments TM8SP64KPN Datasheet HTML 8Page - Texas Instruments TM8SP64KPN Datasheet HTML 9Page - Texas Instruments TM8SP64KPN Datasheet HTML 10Page - Texas Instruments TM8SP64KPN Datasheet HTML 11Page - Texas Instruments TM8SP64KPN Datasheet HTML 12Page - Texas Instruments TM8SP64KPN Datasheet HTML 13Page - Texas Instruments TM8SP64KPN Datasheet HTML 14Page - Texas Instruments TM8SP64KPN Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TM4SP64KPN 4194304 BY 64BIT
TM8SP64KPN 8388608 BY 64BIT
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS708 − APRIL 1998
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
serial presence detect (continued)
Table 2. Serial Presence Detect Data for the TM8SP64KPN
BYTE
DESCRIPTION OF FUNCTION
TM8SP64KPN-10
BYTE
NO.
DESCRIPTION OF FUNCTION
ITEM
DATA
0
Defines number of bytes written into serial memory during module manufacturing
128 bytes
80h
1
Total number of bytes of SPD memory device
256 bytes
08h
2
Fundamental memory type (FPM, EDO, SDRAM, . . .)
SDRAM
04h
3
Number of row addresses on this assembly
12
0Ch
4
Number of column addresses on this assembly
8
08h
5
Number of module rows on this assembly
2 banks
02h
6
Data width of this assembly
64 bits
40h
7
Data width continuation
00h
8
Voltage interface standard of this assembly
LVTTL
01h
9
SDRAM cycle time at maximum supported CAS latency (CL), CL = X
tCK = 10 ns
A0h
10
SDRAM access from clock at CL = X
tAC = 7 ns
70h
11
DIMM configuration type (non-parity, parity, error correcting code [ECC])
Non-Parity
00h
12
Refresh rate / type
15.6
µs/
self-refresh
80h
13
SDRAM width, primary DRAM
x16
10h
14
Error-checking SDRAM data width
N/A
00h
15
Minimum clock delay, back-to-back random column addresses
1 CK cycle
01h
16
Burst lengths supported
1, 2, 4, 8
0Fh
17
Number of banks on each SDRAM device
4 banks
04h
18
CAS latencies supported
2, 3
06h
19
CS latency
0
01h
20
Write latency
0
01h
21
SDRAM module attributes
Non-buffered/
Non-registered
00h
22
SDRAM device attributes: general
VDD tolerance =
(+/−10%)
Burst read / write,
precharge all,
auto precharge
0Eh
23
Minimum clock cycle time at CL = X − 1
tCK = 15 ns
F0h
24
Maximum data-access time from clock at CL = X − 1
tAC = 7 ns
70h
25
Minimum clock cycle time at CL = X − 2
N/A
00h
26
Maximum data-access time from clock at CL = X − 2
N/A
00h


Similar Part No. - TM8SP64KPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM8SP64KPU TI1-TM8SP64KPU Datasheet
311Kb / 18P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results

Similar Description - TM8SP64KPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4TT64KPN TI1-TM4TT64KPN Datasheet
264Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM16EN64HPU TI1-TM16EN64HPU Datasheet
350Kb / 21P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFH TI1-TM2CN64EFH Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com