Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM8SP64KPU Datasheet(PDF) 8 Page - Texas Instruments

Part # TM8SP64KPU
Description  SYNCHRONOUS DYNAMIC RAM MODULES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM8SP64KPU Datasheet(HTML) 8 Page - Texas Instruments

Back Button TM8SP64KPU Datasheet HTML 4Page - Texas Instruments TM8SP64KPU Datasheet HTML 5Page - Texas Instruments TM8SP64KPU Datasheet HTML 6Page - Texas Instruments TM8SP64KPU Datasheet HTML 7Page - Texas Instruments TM8SP64KPU Datasheet HTML 8Page - Texas Instruments TM8SP64KPU Datasheet HTML 9Page - Texas Instruments TM8SP64KPU Datasheet HTML 10Page - Texas Instruments TM8SP64KPU Datasheet HTML 11Page - Texas Instruments TM8SP64KPU Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TM4SP64KPU 4194304 BY 64BIT
TM8SP64KPU 8388608 BY 64BIT
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS689 − AUGUST 1997
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended ranges of supply voltage and ambient temperature
(unless otherwise noted) (see Note 3)
TM8SP64KPU
PARAMETER
TEST CONDITIONS
’8SP64KPU-10
’8SP64KPU-12
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNIT
VOH
High-level output voltage
IOH = − 2 mA
2.4
2.4
V
VOL
Low-level output voltage
IOL = 2 mA
0.4
0.4
V
II
Input current (leakage)
0 V < VI < VDD + 0.3 V,
All other pins = 0 V to VDD
"20
"20
µA
IO
Output current (leakage)
0 V < VO < VDD +0.3 V,
Output disabled
"20
"20
µA
ICC1
Operating current
Burst length = 1,
tRC ≥ tRC MIN
CAS latency = 2
488
468
mA
ICC1
Operating current
tRC ≥ tRC MIN
IOH/IOL = 0 mA
(See Notes 4, 5, and 6)
CAS latency = 3
548
488
mA
ICC2P
Precharge standby current in
CKE
≤ VIL MAX, tCK = 15 ns (see Note 7)
16
16
mA
ICC2PS
Precharge standby current in
power-down mode
CKE and CK
≤ VIL MAX, tCK = ∞ (see Note 8)
16
16
mA
ICC2N
Precharge standby current in
CKE
≥ VIH MIN, tCK = 15 ns (see Note 7)
320
320
mA
ICC2NS
Precharge standby current in
non-power-down mode
tCK = ∞ (see Note 8)
24
24
mA
ICC3P
Active
standby
current
in
CKE
≤ VIL MAX, tCK = 15 ns (see Notes 4 and 7)
80
80
mA
ICC3PS
Active
standby
current
in
power-down mode
CKE and CK
≤ VIL MAX, tCK = ∞
(see Notes 4 and 8)
80
80
mA
ICC3N
Active
standby
current
in
CKE
≥ VIH MIN, tCK = 15 ns (see Notes 4 and 7)
560
520
mA
ICC3NS
Active
standby
current
in
non-power-down mode
CKE
≥ VIH MIN, CK ≤ VIL MAX, tCK = ∞
(see Notes 4 and 8)
160
160
mA
ICC4
Burst current
Page burst, IOH/IOL = 0 mA
All banks activated,
CAS latency = 2
588
568
mA
ICC4
Burst current
All banks activated,
nCCD = one cycle
(see Notes 9 and 10)
CAS latency = 3
868
728
mA
ICC5
Auto-refresh current
tRC ≤ tRC MIN
CAS latency = 2
668
648
mA
ICC5
Auto-refresh current
tRC ≤ tRC MIN
(see Notes 5 and 8)
CAS latency = 3
788
648
mA
ICC6
Self-refresh current
CKE
≤ VIL MAX
16
16
mA
NOTES:
3. All specifications apply to the device after power-up initialization. All control and address inputs must be stable and valid.
4. Only one bank is activated.
5. tRC w MIN
6. Control, DQ, and address inputs change state twice during tRC.
7. Control, DQ, and address inputs change state once every 30 ns.
8. Control, DQ, and address inputs do not change.
9. Control, DQ, and address inputs change once every cycle.
10. Continuous burst access, nCCD = 1 cycle


Similar Part No. - TM8SP64KPU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM8SP64KPN TI1-TM8SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results

Similar Description - TM8SP64KPU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4TT64KPN TI1-TM4TT64KPN Datasheet
264Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM16EN64HPU TI1-TM16EN64HPU Datasheet
350Kb / 21P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFH TI1-TM2CN64EFH Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com