Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1721ESAL Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1721ESAL
Description  EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1721ESAL Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1721ESAL Datasheet HTML 1Page - Advanced Linear Devices ALD1721ESAL Datasheet HTML 2Page - Advanced Linear Devices ALD1721ESAL Datasheet HTML 3Page - Advanced Linear Devices ALD1721ESAL Datasheet HTML 4Page - Advanced Linear Devices ALD1721ESAL Datasheet HTML 5Page - Advanced Linear Devices ALD1721ESAL Datasheet HTML 6Page - Advanced Linear Devices ALD1721ESAL Datasheet HTML 7Page - Advanced Linear Devices ALD1721ESAL Datasheet HTML 8Page - Advanced Linear Devices ALD1721ESAL Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev 2.1 ©2011 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
GENERAL DESCRIPTION
The ALD1721E is a monolithic rail-to-rail precision CMOS operational
amplifier with integrated user programmable EPAD (Electrically Program-
mable Analog Device) based offset voltage adjustment. The ALD1721E
operational amplifier is a direct replacement of the ALD1701 operational
amplifier, with the added feature of user-programmable offset voltage
trimming resulting in significantly enhanced total system performance and
user flexibility. EPAD technology is an exclusive ALD design which has
been refined for analog applications where precision voltage trimming is
necessary to achieve a desired performance. It utilizes CMOS FETs as in-
circuit elements for trimming of offset voltage bias characteristics with the
aid of a personal computer under software control. Once programmed, the
set parameters are stored indefinitely within the device even after power-
down. EPAD offers the circuit designer a convenient and cost-effective
trimming solution for achieving the very highest amplifier/system perfor-
mance.
The ALD1721E operational amplifier features rail-to-rail input and output
voltage ranges, tolerance to over-voltage input spikes of 300mV beyond
supply rails, capacitive loading up to 50pF, extremely low input currents of
0.01pA typical, high open loop voltage gain, useful bandwidth of 700KHz,
slew rate of 0.7V/
µs, and low typical supply current of 120µA.
BENEFITS
• Eliminates manual and elaborate
system trimming procedures
• Remote controlled automated trimming
• In-System Programming capability
• No external components
• No internal chopper clocking noise
• No chopper dynamic power dissipation
• Simple and cost effective
• Small package size
• Extremely small total functional
volume size
• Low system implementation cost
• Micropower and Low Voltage
APPLICATIONS
• Sensor interface circuits
• Transducer biasing circuits
• Capacitive and charge integration circuits
• Biochemical probe interface
• Signal conditioning
• Portable instruments
• High source impedance electrode
amplifiers
• Precision Sample and Hold amplifiers
• Precision current to voltage converter
• Error correction circuits
• Sensor compensation circuits
• Precision gain amplifiers
• Periodic In-system calibration
• System output level shifter
KEY FEATURES
EPAD (Electrically Programmable Analog Device)
User programmable VOS trimmer
Computer-assisted trimming
Rail-to-rail input/output
Compatible with standard EPAD Programmer
High precision through in-system circuit precision trimming
Reduces or eliminates VOS, PSRR, CMRR and TCVOS errors
System level “calibration” capability
Application Specific Programming mode
In-System Programming mode
Electrically programmable to compensate for external
component tolerances
Achieves 0.01pA input bias current and 35
µV input offset
voltage simultaneously
Compatible with industry standard pinout
PIN CONFIGURATION
1
2
2
3
4
8
7
6
5
VE1
-IN
+IN
VE2
OUT
N/C
V-
V+
TOP VIEW
SAL, PAL, DA PACKAGES
* N/C Pin is internally connected. Do not connect externally.
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
Operating Temperature Range
0
°C to +70°C0°C to +70°C
-55
°C to +125°C
8-Pin
8-Pin
8-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD1721ESAL
ALD1721EPAL
ALD1721EDA
* Contact factory for leaded (non-RoHS) or high temperature versions.
eEPAD
TM
®
N
A
B
L
E
D
E
EPAD® MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1721E
ADVANCED
LINEAR
DEVICES, INC.


Similar Part No. - ALD1721ESAL

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD1721ESAL ADL-ALD1721ESAL Datasheet
108Kb / 13P
   EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
More results

Similar Description - ALD1721ESAL

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD1721E ADL-ALD1721E Datasheet
108Kb / 13P
   EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Advanced Linear Devices
ALD1726E ALD-ALD1726E_11 Datasheet
108Kb / 13P
   EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2726 ALD-ALD2726_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1722E ALD-ALD1722E_11 Datasheet
107Kb / 13P
   EPAD짰 LOW POWER CMOS OPERATIONAL AMPLIFIER
ALD2722 ALD-ALD2722_11 Datasheet
110Kb / 13P
   DUAL EPAD짰 LOW POWER CMOS OPERATIONAL AMPLIFIER
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
logo
National Semiconductor ...
LMC6041 NSC-LMC6041 Datasheet
381Kb / 12P
   CMOS Single Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com