Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1706GSAL Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1706GSAL
Description  ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1706GSAL Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1706GSAL Datasheet HTML 1Page - Advanced Linear Devices ALD1706GSAL Datasheet HTML 2Page - Advanced Linear Devices ALD1706GSAL Datasheet HTML 3Page - Advanced Linear Devices ALD1706GSAL Datasheet HTML 4Page - Advanced Linear Devices ALD1706GSAL Datasheet HTML 5Page - Advanced Linear Devices ALD1706GSAL Datasheet HTML 6Page - Advanced Linear Devices ALD1706GSAL Datasheet HTML 7Page - Advanced Linear Devices ALD1706GSAL Datasheet HTML 8Page - Advanced Linear Devices ALD1706GSAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 2.1 ©2010 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
GENERAL DESCRIPTION
The ALD1706A/ALD1706B/ALD1706/ALD1706G is a monolithic CMOS
ultra micropower high slew-rate, high performance operational amplifier
intended for a broad range of analog applications using ±1V to ±5V dual
power supply systems, as well as +2V to +10V battery operated systems.
All device characteristics are specified for +5V single supply or ±2.5V
dual supply systems. Supply current is 40µA maximum at 5V supply
voltage. It is manufactured with Advanced Linear Devices' enhanced
ACMOS silicon gate CMOS process.
The ALD1706A/ALD1706B/ALD1706/ALD1706G is designed to offer high
performance for a wide range of applications requiring very low power
dissipation. It has been developed specifically for the +5V single battery
or ±1V to ±5V dual battery user and offers the popular industry standard
single operational amplifier pin configuration.
Several important characteristics of the device make application easier
to implement at those voltages. First, the operational amplifier can
operate with rail to rail input and output voltages. This means the signal
input voltage and output voltage can be close to or equal to the positive
and negative supply voltages. This feature allows numerous analog
serial stages and flexibility in input signal bias levels. Second, the device
was designed to accommodate mixed applications where digital and
analog circuits may operate off the same power supply or battery. Third,
the output stage can typically drive up to 25pF capacitive and 20KΩ
resistive loads. These features, combined with extremely low input
currents, high open loop voltage gain of 100V/mV, useful bandwidth of
400KHz, a slew rate of 0.17V/µs, low offset voltage and temperature
drift, make the ALD1706A/ALD1706B/ALD1706/ALD1706G a versatile,
micropower operational amplifier.
The ALD1706A/ALD1706B/ALD1706/ALD1706G, designed and
fabricated with silicon gate CMOS technology, offers 0.1pA typical input
bias current. On chip offset voltage trimming allows the device to be
used without nulling in most applications. Additionally, robust design
and rigorous screening make this device especially suitable for operation
in temperature-extreme environments and rugged conditions.
FEATURES
• All parameters specified for +5V single
supply or ±2.5V dual supply systems
• Rail to rail input and output voltage ranges
• No frequency compensation required --
unity gain stable
• Extremely low input bias currents --
1.0pA typical (30pA max.)
• Ideal for high source impedance applications
• Dual power supply ±1.0V to ±5.0V operation
• Single power supply +2.0V to +10.0V
operation
• High voltage gain -- typically 100V/mV
@ ±2.5V(100dB)
• Drive as low as 10KΩ load
• Output short circuit protected
• Unity gain bandwidth of 0.7MHz
• Slew rate of 0.7V/µs
• Low power dissipation
• Suitable for rugged, temperature-extreme
environments
ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1706A/ALD1706B
ALD1706/ALD1706G
ADVANCED
LINEAR
DEVICES, INC.
APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter
Operating Temperature Range
0°C to +70°C0°C to +70°C
-55°C to 125°C
8-Pin
8-Pin
8-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD1706ASAL
ALD1706APAL
ALD1706ADA
ALD1706BSAL
ALD1706BPAL
ALD1706BDA
ALD1706SAL
ALD1706PAL
ALD1706DA
ALD1706GSAL
ALD1706GPAL
* Contact factory for leaded (non-RoHS) or high temperature versions.
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
PIN CONFIGURATION
* N/C pins are internally connected. Do not connect externally.
1
2
2
3
4
8
7
6
5
N/C
-IN
+IN
N/C
OUT
N/C
V-
V+
TOP VIEW
SAL, PAL, DA PACKAGES


Similar Part No. - ALD1706GSAL

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ALD1706GSAL ADL-ALD1706GSAL Datasheet
77Kb / 9P
   ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results

Similar Description - ALD1706GSAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1706A ALD-ALD1706A Datasheet
44Kb / 6P
   ULTRA MICROPOWER RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1706A ADL-ALD1706A Datasheet
77Kb / 9P
   ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD4706 ALD-ALD4706_10 Datasheet
86Kb / 9P
   DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4706A ALD-ALD4706A Datasheet
66Kb / 6P
   QUAD ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2706 ALD-ALD2706_10 Datasheet
82Kb / 9P
   DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A Datasheet
47Kb / 6P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1701A ADL-ALD1701A Datasheet
80Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
   QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com