Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA006-3900-0 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # FMA006-3900-0
Description  SIM Card Tray connector, Top mount Super low profile H=1.42mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

FMA006-3900-0 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  FMA006-3900-0 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specificationinthisdocumentisasforreferenceonrepresentativep/nofeachseriesandmay
changewithoutpriornotice.Sinceproductimprovemententailschangestoelectrical,material
andmechanicalproperties,thepurchasingpartyisstronglyrecommendedtoinquirethelatest
specificationbeforeplacingpurchaseorder.Allotherservice,productandcompanynames
mentionedhereinarethetrademarkorregisteredtrademarksoftheirrespectiveowners.
3-28-7 Nakamagome, Ota-ku, Tokyo 143-8515, JAPAN
TEL: +81-3-3778-6160  FAX: +81-3-3778-6177
URL: http://www.yamaichi.com
Yamaichi Electronics U.S.A. Inc.
 475HolgerWay,SanJose,CA95134,U.S.A.
 TEL:+1-408-715-9100 FAX:+1-408-715-9199 http://www.yamaichi.us
Yamaichi Electronics Deutschland GmbH
 Karl-Schmid-Strasse9,D-81829Munich,GERMANY
 TEL:+49-89-45109-0 FAX:+49-89-45109-110 http://www.yamaichi.de
Yamaichi Electronics Hong Kong Ltd.
 Unit815-168FTower1GrandCentralPlaza,138ShatinRuralCommitteeRoad,Shatin,N.T.,HONGKONG
 TEL:+852-2687-1968 FAX:+852-2601-9681 http://www.yamaichi.com.cn/hk
Asia Yamaichi Electronics Inc.
 505,KyunginB/D,166-3,SamSeong-Dong,Gangnam-Gu,Seoul,135-881,KOREA
 TEL:+82-2-557-0522 FAX:+82-2-557-0622 http://yamaichi.co.kr
Yamaichi Electronics Singapore Pte. Ltd.
 72BendemeerRoad#04-21,Luzerne,Singapore339941
 TEL:+65-6297-8312 FAX:+65-6297-8141 http://www.yamaichi.com.sg
Yamaichi Electronics Taiwan Co., Ltd.
 9F-1021,No.144,Sec.3,MinChuanE.Road,Taipei,TAIWAN,R.O.C.
 TEL:+886-2-2546-0507FAX:+886-2-2546-0509http://www.yamaichi.com.tw
Packing Quantity
 Connector:1,200pcs/ tape and reel
 Tray:
400pcs/ tray
Feature
・Tray type
・Top mount type
・Super low profile design H=1.42mm max.
・Card mis-insertion prevention design
・Static discontinuity prevention design
・RoHS compliant
・Pb-free soldering capable
* Tray shall be mated after connector soldering.
Outline Dimension
Specification
Material & Plating
CurrentRating
0.5A
VoltageRating
5.0Vrms
InsulationResistance 500MΩminimumat500VDC
WithstandingVoltage 250VACrms,1min.
At1mA/20mV
ContactResistance
 Initialvalue:100mΩ
 Aftertest:40mΩmax.
OperatingTemperature -25℃~ +85℃
Durability
5,000cycles
Insulator
HeatResistingPlastic
Contact
CopperAlloy,Ni-Au
SolderingTub
SUS
MetalShellCover
SUS,Ni-Au
Tray
EngineeringPlastic
Recommended Foot Pattern
SIM Card Tray connector, Top mount
Super low profile H=1.42mm
P/N:Connector FMS006-3900-0
Tray
FMA006-3900-0
* Please request latest drawing and specification when this P/N is considered to adopt.
Issued: 2010 Sept. Rev. A


Similar Part No. - FMA006-3900-0

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FMA006-7000-0 YAMAICHI-FMA006-7000-0 Datasheet
501Kb / 1P
   Card Reader (Removable Tray without Switch)
More results

Similar Description - FMA006-3900-0

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
250291MA SUYIN-USA-250291MA Datasheet
113Kb / 1P
   SIM CARD CONNECTOR H:2.1mm
254110MA SUYIN-USA-254110MA Datasheet
132Kb / 1P
   SIM CARD CONNECTOR H:1.5mm
254112MA SUYIN-USA-254112MA Datasheet
92Kb / 1P
   SIM CARD CONNECTOR H:2.0mm
254116MA SUYIN-USA-254116MA Datasheet
130Kb / 1P
   SIM CARD CONNECTOR H:2.0mm~5.5mm
254105MA SUYIN-USA-254105MA Datasheet
121Kb / 1P
   SIM CARD CONNECTOR 6 PINS H:1.9mm
254118MA SUYIN-USA-254118MA Datasheet
124Kb / 1P
   SIM CARD CONNECTOR 6 PINS H:1.0mm
logo
Molex Electronics Ltd.
0671550002 MOLEX7-0671550002 Datasheet
270Kb / 6P
   1.27mm (.050") Pitch CF Card Header - Low Profile, Right Angle, SMT Top Mount ForType II Cards, Tray Packaging
logo
ATTEND Technology Inc.
115S-BS00 ATTEND-115S-BS00 Datasheet
319Kb / 5P
   Nano SIM Socket, Dual Card Tray Eject Type, 30u"
2021/04/21
logo
Adam Technologies, Inc.
SCC-H-08-SG-SMT ADAM-TECH-SCC-H-08-SG-SMT Datasheet
92Kb / 1P
   SIM CARD CONNECTOR
SCC-J-08-SMT ADAM-TECH-SCC-J-08-SMT Datasheet
101Kb / 1P
   SIM CARD CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com