Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP422-EP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP422-EP
Description  짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP422-EP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP422-EP Datasheet HTML 5Page - Texas Instruments TMP422-EP Datasheet HTML 6Page - Texas Instruments TMP422-EP Datasheet HTML 7Page - Texas Instruments TMP422-EP Datasheet HTML 8Page - Texas Instruments TMP422-EP Datasheet HTML 9Page - Texas Instruments TMP422-EP Datasheet HTML 10Page - Texas Instruments TMP422-EP Datasheet HTML 11Page - Texas Instruments TMP422-EP Datasheet HTML 12Page - Texas Instruments TMP422-EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TMP422-EP
www.ti.com
SBOS577
– SEPTEMBER 2011
SERIES RESISTANCE CANCELLATION
Series resistance in an application circuit that typically results from printed circuit board (PCB) trace resistance
and remote line length is automatically cancelled by the TMP422, preventing what would otherwise result in a
temperature offset. A total of up to 3k
Ω of series line resistance is cancelled by the TMP422, eliminating the
need for additional characterization and temperature offset correction. See the two Remote Temperature Error vs
Series Resistance typical characteristic curves (Figure 4 and Figure 5) for details on the effects of series
resistance and power-supply voltage on sensed remote temperature error.
DIFFERENTIAL INPUT CAPACITANCE
The TMP422 tolerates differential input capacitance of up to 1000pF with minimal change in temperature error.
The effect of capacitance on sensed remote temperature error is illustrated in Figure 6, Remote Temperature
Error vs Differential Capacitance.
TEMPERATURE MEASUREMENT DATA
Temperature measurement data may be taken over an operating range of
–40°C to +127°C for both local and
remote locations.
However, measurements from
–55°C to +150°C can be made both locally and remotely by reconfiguring the
TMP422 for the extended temperature range, as described below.
Temperature data that result from conversions within the default measurement range are represented in binary
form, as shown in Table 2, Standard Binary column. Note that although the device is rated to only measure
temperatures down to
–55°C, it may read temperatures below this level. However, any temperature below –64°C
results in a data value of
–64 (C0h). Likewise, temperatures above +127°C result in a value of 127 (7Fh). The
device can be set to measure over an extended temperature range by changing bit 2 (RANGE) of Configuration
Register 1 from low to high. The change in measurement range and data format from standard binary to
extended binary occurs at the next temperature conversion. For data captured in the extended temperature
range configuration, an offset of 64 (40h) is added to the standard binary value, as shown in the Extended Binary
column of Table 2. This configuration allows measurement of temperatures as low as
–64°C, and as high as
+191
°C; however, most temperature-sensing diodes only measure with the range of –55°C to +150°C.
Additionally, the TMP422 is rated only for ambient temperatures ranging from
–55°C to +125°C. Parameters in
the Absolute Maximum Ratings table must be observed.
Table 2. Temperature Data Format (Local and Remote Temperature High Bytes)
LOCAL/REMOTE TEMPERATURE REGISTER
HIGH BYTE VALUE (1
°C RESOLUTION)
STANDARD BINARY(1)
EXTENDED BINARY(2)
TEMP
(
°C)
BINARY
HEX
BINARY
HEX
–64
1100 0000
C0
0000 0000
00
–50
1100 1110
CE
0000 1110
0E
–25
1110 0111
E7
0010 0111
27
0
0000 0000
00
0100 0000
40
1
0000 0001
01
0100 0001
41
5
0000 0101
05
0100 0101
45
10
0000 1010
0A
0100 1010
4A
25
0001 1001
19
0101 1001
59
50
0011 0010
32
0111 0010
72
75
0100 1011
4B
1000 1011
8B
100
0110 0100
64
1010 0100
A4
125
0111 1101
7D
1011 1101
BD
127
0111 1111
7F
1011 1111
BF
150
0111 1111
7F
1101 0110
D6
175
0111 1111
7F
1110 1111
EF
191
0111 1111
7F
1111 1111
FF
(1)
Resolution is 1
°C/count. Negative numbers are represented in two's complement format.
(2)
Resolution is 1
°C/count. All values are unsigned with a –64°C offset.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TMP422-EP


Similar Part No. - TMP422-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
More results

Similar Description - TMP422-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com