Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2303A Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD2303A
Description  DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2303A Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD2303A Datasheet HTML 1Page - Advanced Linear Devices ALD2303A Datasheet HTML 2Page - Advanced Linear Devices ALD2303A Datasheet HTML 3Page - Advanced Linear Devices ALD2303A Datasheet HTML 4Page - Advanced Linear Devices ALD2303A Datasheet HTML 5Page - Advanced Linear Devices ALD2303A Datasheet HTML 6Page - Advanced Linear Devices ALD2303A Datasheet HTML 7Page - Advanced Linear Devices ALD2303A Datasheet HTML 8Page - Advanced Linear Devices ALD2303A Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 2.0 ©2010 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A/ALD2303
APPLICATIONS
• Sensor detection circuits
• PCMCIA instruments
• MOSFET driver
• High source impedance voltage comparison circuits
• Multiple limit window comparator
• Power supply voltage monitor
• Photodetector sensor circuit
• High speed LED driver
• Oscillators
• Battery operated instruments
• Remote signal detection
• Multiple relay drivers
BENEFITS
• Extremely low power and high precision combination
• Built-in high input impedance buffer
• Built-in output driver with up to 60mA sink current
ADVANCED
LINEAR
DEVICES, INC.
GENERAL DESCRIPTION
The ALD2303A/ALD2303 is a precision monolithic high performance
dual voltage comparator built with advanced silicon gate CMOS
technology. It features very high typical input impedance of 1012Ω;
low input bias current of 10pA; very low power dissipation of 7.5µA per
comparator; and single (+5V) or dual (±5V) power supply operation.
The input voltage range includes ground, making this comparator
ideal for single supply low level signal detection with high source
impedance. The ALD2303A/ALD2303 can be used in connection with
other voltage comparator circuits such as the ALD2301/ALD2302/
ALD4302 voltage comparators. The output can be connected to a
higher external voltage than V+.
The ALD2303A/ALD2303 is ideal for high precision micropower volt-
age comparator applications, especially low level signal detection
circuits requiring low standby power, yet retaining high output current
capability.
Operating Temperature Range *
0°C to +70°C0°C to +70°C
-55°C to +125°C
8-Pin
8-Pin
8-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD2303ASAL
ALD2303APAL
ALD2303ADA
ALD2303SAL
ALD2303APAL
ALD2303DA
ORDERING INFORMATION (“L” suffix for lead free version)
* Contact factory for leaded (non-RoHS) or high temperature versions.
BLOCK DIAGRAM
(1) OUT 1
(7) OUT 2
(4) GND
V+
NONINVERTING INPUT
+IN 1 (3)
INVERTING INPUT
-IN 2 (6)
NONINVERTING INPUT
+IN 2 (5)
INVERTING INPUT
-IN 1 (2)
(8) V+
FEATURES
• 3V, 5V, and 10V supply
• Guaranteed to drive 200Ω loads
• Fanout of 30LS TTL loads
• Guaranteed maximum supply current of
20µA for each comparator
• Pinout of LM193 type industry standard
comparators
• Extremely low input bias currents
-- typically 10pA
• Virtually eliminates source impedance
effects
• Single (+5V) and dual supply (±5V) operation
• CMOS, NMOS and TTL compatible
• Open drain wired-OR outputs
• High output sinking current -- typically 60mA
• Low supply current spikes
• High gain -- 100V/mV
PIN CONFIGURATION
1
2
3
4
8
7
6
5
OUT 1
-IN 1
+IN 1
GND
V+
OUT 2
-IN 2
+IN 2
SAL, PAL, DA PACKAGES


Similar Part No. - ALD2303A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2303A ALD-ALD2303A Datasheet
65Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303ADA ALD-ALD2303ADA Datasheet
65Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303ADA ALD-ALD2303ADA Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303APA ALD-ALD2303APA Datasheet
65Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
More results

Similar Description - ALD2303A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2303A ALD-ALD2303A Datasheet
65Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A_07 Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4303 ALD-ALD4303 Datasheet
59Kb / 6P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4303 ALD-ALD4303_10 Datasheet
86Kb / 9P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
logo
Unisonic Technologies
ULC393 UTC-ULC393 Datasheet
165Kb / 7P
   DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
logo
ON Semiconductor
NCV2393 ONSEMI-NCV2393_17 Datasheet
362Kb / 8P
   Micropower Dual CMOS Voltage Comparator
June, 2017 ??Rev. 5
logo
Advanced Linear Devices
ALD2302A ALD-ALD2302A_07 Datasheet
59Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2332 ALD-ALD2332 Datasheet
90Kb / 11P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302A ALD-ALD2302A Datasheet
56Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2301 ALD-ALD2301_10 Datasheet
64Kb / 7P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com