Electronic Components Datasheet Search |
|
TMP34094 Datasheet(PDF) 10 Page - Texas Instruments |
|
TMP34094 Datasheet(HTML) 10 Page - Texas Instruments |
10 / 38 page 15 12 11 8 7 6 5 4 1 0 TMS34094 ISA BUS INTERFACE SPVS006A – FEBRUARY 1992 – REVISED JUNE 1992 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77001 10 Each 32-bit BKMSKx register is accessed via the BKPORT register as two 16-bit halves, BKMSKxL and BKMSKxH. The BPNT3–BPNT0 bits of the BKCTL register select which bank select register is accessed during a read or write of BKPORT. Host write accesses to BKMSK0–BKMSK3 may cause improper decode of ongoing TMS34020 local bus cycles. Do not write to any BKMSK0–BKMSK3 register when the TMS34020 is performing any operation which could be adversely affected by improper address decoding, including execution of code, may cause improper decode of ongoing TMS34020 local bus cycles. BKCTL BVEN3–BVEN0 BDRD3–BDRD0 RM1–RM0 ABE BPNT3–BPNT0 This register contains several bits which control how the TMS34094 decodes LAD bus cycles for bank select operations. BVEN3–BVEN0 are individual VRAM selectors for each bank. If a memory bank contains VRAM, it should respond to write mask load or color register load cycles generated by the TMS34020. Setting BVENn to a 1 causes BSELn to be asserted whenever one of these special VRAM cycles occur. BVEN3–BVEN0 are cleared after reset. BDRD3–BDRD0 are individual DRAM refresh deselectors for each bank. If a bank does not require refresh, the corresponding bit in BDRD3–BDRD0 should be set to 1. This will cause the corresponding bank select signal to ignore DRAM refresh cycles generated by the TMS34020. These bits are cleared after reset. RM1–RM0 determines how the DRAM refresh cycles generated by the TMS34020 should affect the bank select signals as summarized in the table below. If the memory banks are to be refreshed alternately, the TMS34094 determines which bank is refreshed using the values on LAD16 and LAD17. RM1–RM0 are cleared after reset. RM1 RM0 FUNCTION 0 0 1 1 0 1 0 1 Refresh all banks simultaneously Refresh alternate pairs Refresh one bank at a time No refresh ABE enables all bank select operations. After reset, ABE is set to 0 causing BSEL3 to be unconditionally low and all other bank select signals to be inactive (high) except for memory refresh. Setting ABE to 1 allows the bank select signals to decode local addresses from the TMS34020. |
Similar Part No. - TMP34094 |
|
Similar Description - TMP34094 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |