Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2332APAL Datasheet(PDF) 9 Page - Advanced Linear Devices

Part # ALD2332APAL
Description  DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2332APAL Datasheet(HTML) 9 Page - Advanced Linear Devices

Back Button ALD2332APAL Datasheet HTML 3Page - Advanced Linear Devices ALD2332APAL Datasheet HTML 4Page - Advanced Linear Devices ALD2332APAL Datasheet HTML 5Page - Advanced Linear Devices ALD2332APAL Datasheet HTML 6Page - Advanced Linear Devices ALD2332APAL Datasheet HTML 7Page - Advanced Linear Devices ALD2332APAL Datasheet HTML 8Page - Advanced Linear Devices ALD2332APAL Datasheet HTML 9Page - Advanced Linear Devices ALD2332APAL Datasheet HTML 10Page - Advanced Linear Devices ALD2332APAL Datasheet HTML 11Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ALD2332A/ALD2332B/ALD2332
Advanced Linear Devices
9 of 11
PRECISION DUAL LIMIT WINDOW COMPARATAOR
+
+
-
-
OUTPUT HIGH FOR VIN <VREF(HIGH)
RLOAD = 1.5KΩ
AND VIN > VREF(LOW)
VOUT
V+
VREF(HIGH)
VREF(LOW)
RLOAD
VIN
+
= 1.4V for TTL input
=
V+
for CMOS input
2
VOUT
VREF
VIN
V
REF
V
REF
Output V
OUT swings from rail-to-rail
V+ = +10V
VOLTAGE LEVEL TRANSLATOR
PRECISON VOLTAGE COMPARATOR WITH +/-5V
SUPPLY AND OUTPUT LEVEL SHIFT
PRECISION VOLTAGE COMPARATOR WITH OUTPUT LEVEL
SHIFT AND HIGH CURRENT LOAD DRIVER
+
-
15K
-5V
+5V
VOUT
15K
100K
100K
0.1µF
0.1µF
+5V
0
VOUT
+5V
+
-
-5V
+5V
R2=50
200Ω
+5V
R1= 15K
RLoad
VOUT
VIN+
VIN-
0.066V
-4V
VOUT
TYPICAL APPLICATIONS (cont'd)


Similar Part No. - ALD2332APAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2332APAL ALD-ALD2332APAL Datasheet
90Kb / 11P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
More results

Similar Description - ALD2332APAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2302A ALD-ALD2302A_07 Datasheet
59Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302 ALD-ALD2302_10 Datasheet
75Kb / 9P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2332A ALD-ALD2332A Datasheet
90Kb / 11P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302A ALD-ALD2302A_V01 Datasheet
77Kb / 9P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
2019
ALD2302A ALD-ALD2302A Datasheet
56Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302A ALD-ALD4302A_05 Datasheet
47Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302 ALD-ALD4302_10 Datasheet
78Kb / 9P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302A ALD-ALD4302A Datasheet
57Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
logo
National Semiconductor ...
LMV762 NSC-LMV762 Datasheet
350Kb / 12P
   Low Voltage, Precision Comparator with Push-Pull Output
logo
Texas Instruments
LMV761 TI1-LMV761_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Voltage, Precision Comparator With Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com