Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320WP010 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320WP010
Description  DIGITAL SIGNAL PROCESSOR FOR AEC/LEC/ANS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320WP010 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320WP010 Datasheet HTML 3Page - Texas Instruments TMS320WP010 Datasheet HTML 4Page - Texas Instruments TMS320WP010 Datasheet HTML 5Page - Texas Instruments TMS320WP010 Datasheet HTML 6Page - Texas Instruments TMS320WP010 Datasheet HTML 7Page - Texas Instruments TMS320WP010 Datasheet HTML 8Page - Texas Instruments TMS320WP010 Datasheet HTML 9Page - Texas Instruments TMS320WP010 Datasheet HTML 10Page - Texas Instruments TMS320WP010 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TMS320WP010
DIGITAL SIGNAL PROCESSOR
FOR AEC/LEC/ANS
SPRS040–OCTOBER 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VDD (see Note 1)
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating ambient temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
VDD
Supply voltage
4.75
5
5.25
V
VSS
Supply voltage
0
V
X2/CLKIN, CLKIN2
3
VDD + 0.3
VIH
High-level input voltage
CLKX1, CLKX2, CLKR1, CLKR2
2.5
VDD + 0.3
V
All others
2
VDD + 0.3
VIL
Low level input voltage
X2/CLKIN, CLKIN2, CLKX1, CLKX2, CLKR1, CLKR2
– 0.3
0.7
V
VIL
Low-level input voltage
All others
– 0.3
0.8
V
IOH
High-level output current (see Note 2)
– 300
µA
IOL
Low-level output current
2
mA
TC
Operating case temperature
0
85
°C
TA
Operating ambient temperature (industrial)
–40
85
°C
NOTE 2: Figure 3 shows the test load circuit and Figures 4 and 5 show the voltage reference levels.
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VOH
High-level output voltage (see Note 2)
IOH = MAX
2.4
3
V
VOL
Low-level output voltage (see Note 2)
IOL = MAX
0.3
0.6
V
IOZ
High impedance output current (VDD = MAX)
BR (with internal pull-up)
– 500
20
µA
IOZ
High-impedance output current (VDD = MAX)
All others
–20
20
µA
TRST (with internal pull-down)
–10
800
II
Input current ( VI =VSS to VDD)
TMS, TCK, TDI (with internal pull-ups)
– 500
10
µA
II
Input current (VI = VSS to VDD)
X2 /CLKIN
–50
50
µA
All other inputs
–10
10
IDD(core)
Supply current, core CPU
VDD = 5.25 V
94
mA
IDD(pins)
Supply current, pins
VDD = 5.25 V
63
mA
IDD(standby)Supply current, standby
IDLE2,
Clocks shut off
5
µA
Ci
Input capacitance
15
pF
Co
Output capacitance
15
pF
† For conditions shown as MIN / MAX, use the appropriate value specified under “recommended operating conditions”.
‡ Typical values are at VDD = 5 V, TA = 25°C, unless otherwise specified.
NOTE 2: Figure 3 shows the test load circuit and Figures 4 and 5 show the voltage reference levels.


Similar Part No. - TMS320WP010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320 TI-TMS320 Datasheet
603Kb / 69P
[Old version datasheet]   SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
TMS320 TI-TMS320 Datasheet
555Kb / 70P
[Old version datasheet]   TMS320 SECOND GENERATION DIGITAL SIGNAL PROCESSORS
TMS32010 TI-TMS32010 Datasheet
2Mb / 23P
[Old version datasheet]   Precision Digital Sine- Wave Generation with the TMS32010
TMS32020 TI-TMS32020 Datasheet
297Kb / 57P
[Old version datasheet]   Wide-Band Analog Interface Circuit
TMS32020 TI-TMS32020 Datasheet
603Kb / 69P
[Old version datasheet]   SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320WP010

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
logo
Samsung semiconductor
S5L986F02 SAMSUNG-S5L986F02 Datasheet
480Kb / 35P
   DIGITAL SIGNAL PROCESSOR FOR DISCMAN
logo
New Japan Radio
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
logo
Samsung semiconductor
KS9286B SAMSUNG-KS9286B Datasheet
298Kb / 35P
   DIGITAL SIGNAL PROCESSOR for CDP
logo
New Japan Radio
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
logo
Hitachi Semiconductor
HD49235FS HITACHI-HD49235FS Datasheet
192Kb / 41P
   Digital Signal Processor for CD
logo
New Japan Radio
NJU26040-08B NJRC-NJU26040-08B Datasheet
192Kb / 9P
   Digital Signal Processor for TV
logo
Samsung semiconductor
S5L986F01 SAMSUNG-S5L986F01 Datasheet
599Kb / 35P
   DIGITAL SIGNAL PROCESSOR FOR CDP
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com