Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2701BDA Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD2701BDA
Description  DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2701BDA Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD2701BDA Datasheet HTML 1Page - Advanced Linear Devices ALD2701BDA Datasheet HTML 2Page - Advanced Linear Devices ALD2701BDA Datasheet HTML 3Page - Advanced Linear Devices ALD2701BDA Datasheet HTML 4Page - Advanced Linear Devices ALD2701BDA Datasheet HTML 5Page - Advanced Linear Devices ALD2701BDA Datasheet HTML 6Page - Advanced Linear Devices ALD2701BDA Datasheet HTML 7Page - Advanced Linear Devices ALD2701BDA Datasheet HTML 8Page - Advanced Linear Devices ALD2701BDA Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ALD2701A/ALD2701B
Advanced Linear Devices
4 of 9
ALD2701
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT BIAS CURRENT AS A FUNCTION
OF AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (°C)
1000
100
10
0.1
1.0
100
-25
0
75
125
50
25
-50
10000
VS = ±2.5V
OPEN LOOP VOLTAGE GAIN AS A
FUNCTION OF LOAD RESISTANCE
10M
LOAD RESISTANCE (Ω)
10K
100K
1M
1000
100
10
1
VS = ±2.5V
TA = 25°C
Design & Operating Notes:
1. The ALD2701A/ALD2701B/ALD2701 CMOS operational amplifier uses
a 3 gain stage architecture and an improved frequency compensation
scheme to achieve large voltage gain, high output driving capability,
and better frequency stability. In a conventional CMOS operational
amplifier design, compensation is achieved with a pole splitting
capacitor together with a nulling resistor. This method is, however,
very bias dependent and thus cannot accommodate the large range
of supply voltage operation as is required from a stand alone CMOS
operational amplifier. The ALD2701A/ALD2701B/ALD2701 is internally
compensated for unity gain stability using a novel scheme that does
not use a nulling resistor. This scheme produces a clean single pole
roll off in the gain characteristics while providing for more than 70
degrees of phase margin at the unity gain frequency.
2. The ALD2701A/ALD2701B/ALD2701 has complementary p-channel
and n-channel input differential stages connected in parallel to
accomplish rail to rail input common mode voltage range. This means
that with the ranges of common mode input voltage close to the power
supplies, one of the two differential stages is switched off internally.
To maintain compatibility with other operational amplifiers, this switching
point has been selected to be about 1.5V below the positive supply
voltage. Since offset voltage trimming on the ALD2701A/ALD2701B/
ALD2701 is made when the input voltage is symmetrical to the supply
voltages, this internal switching does not affect a large variety of
applications such as an inverting amplifier or non-inverting amplifier
with a gain larger than 2.5 (5V operation), where the common mode
voltage does not make excursions above this switching point. The
user should however, be aware that this switching does take place if
the operational amplifier is connected as a unity gain buffer, and should
make provision in his design to allow for input offset voltage variations.
3. The input bias and offset currents are essentially input protection diode
reverse bias leakage currents, and are typically less than 1pA at room
temperature. This low input bias current assures that the analog signal
from the source will not be distorted by input bias currents. Normally,
this extremely high input impedance of greater than 1012Ω would not
be a problem as the source impedance would limit the node impedance.
However, for applications where source impedance is very high, it may
be necessary to limit noise and hum pickup through proper shielding.
4. The output stage consists of class AB complementary output drivers,
capable of driving a low resistance load. The output voltage swing is
limited by the drain to source on-resistance of the output transistors as
determined by the bias circuitry, and the value of the load resistor.
When connected in the voltage follower configuration, the oscillation
resistant feature, combined with the rail to rail input and output feature,
makes an effective analog signal buffer for medium to high source
impedance sensors, transducers, and other circuit networks.
5. The ALD2701A/ALD2701B/ALD2701 operational amplifier has been
designed to provide full static discharge protection. Internally, the
design has been carefully implemented to minimize latch up. However,
care must be exercised when handling the device to avoid strong static
fields that may degrade a diode junction, causing increased input
leakage currents. In using the operational amplifier, the user is advised
to power up the circuit before, or simultaneously with, any input voltages
applied and to limit input voltages not to exceed 0.3V of the power
supply voltage levels.
6. The ALD2701A/ALD2701B/ALD2701, with its micropower operation,
offers numerous benefits in reduced power supply requirements, less
noise coupling and current spikes, less thermally induced drift, better
overall reliability due to lower self heating, and lower input bias current.
It requires practically no warm up time as the chip junction heats up to
only
0.2°C above ambient temperature under most operating
conditions.
COMMON MODE INPUT VOLTAGE RANGE
AS A FUNCTION OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
±7
±6
±5
±4
±3
±2
±1
0
0
±1
±2
±3
±4
±5
±6
±7
TA = 25°C
SUPPLY CURRENT AS A FUNCTION
OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
800
400
600
0
200
0
±1
±2
±3
±4
±5
±6
TA = -55°C
+25°C
+70°C
+125°C
INPUTS GROUNDED
OUTPUT UNLOADED
-25°C


Similar Part No. - ALD2701BDA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2701BDA ALD-ALD2701BDA Datasheet
74Kb / 6P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD2701BDA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A Datasheet
47Kb / 6P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1701A ADL-ALD1701A Datasheet
80Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD2711 ALD-ALD2711_11 Datasheet
85Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2711A ALD-ALD2711A Datasheet
48Kb / 6P
   DUAL MICROPOWER PRECISION RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD2711A ALD-ALD2711A_V01 Datasheet
481Kb / 9P
   DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
ALD4706 ALD-ALD4706_10 Datasheet
86Kb / 9P
   DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2706 ALD-ALD2706_10 Datasheet
82Kb / 9P
   DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
   QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com