Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD2702SAL Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD2702SAL
Description  DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2702SAL Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD2702SAL Datasheet HTML 1Page - Advanced Linear Devices ALD2702SAL Datasheet HTML 2Page - Advanced Linear Devices ALD2702SAL Datasheet HTML 3Page - Advanced Linear Devices ALD2702SAL Datasheet HTML 4Page - Advanced Linear Devices ALD2702SAL Datasheet HTML 5Page - Advanced Linear Devices ALD2702SAL Datasheet HTML 6Page - Advanced Linear Devices ALD2702SAL Datasheet HTML 7Page - Advanced Linear Devices ALD2702SAL Datasheet HTML 8Page - Advanced Linear Devices ALD2702SAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ALD2702A/ALD2702B
Advanced Linear Devices
4 of 9
ALD2702
TYPICAL PERFORMANCE CHARACTERISTICS
COMMON MODE INPUT VOLTAGE RANGE
AS A FUNCTION OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
±7
±6
±5
±4
±3
±2
±1
0
0
±1
±2
±3
±4
±5
±6
±7
TA = 25°C
OPEN LOOP VOLTAGE GAIN AS A FUNCTION
OF SUPPLY VOLTAGE AND TEMPERATURE
SUPPLY VOLTAGE (V)
1000
100
10
1
0
±2
±4
±6
RL= 10KΩ
RL= 5KΩ
} -55°C
} +25°C
} +125°C
±8
INPUT BIAS CURRENT AS A FUNCTION
OF AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (°C)
1000
100
10
0.1
1.0
100
-25
0
75
125
50
25
-50
VS = ± 2.5V
10000
SUPPLY CURRENT AS A FUNCTION
OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
6
5
4
3
1
2
0
±6
±5
±4
±3
±1
±2
INPUTS GROUNDED
OUTPUTS UNLOADED
TA = -55°C
-25°C
+80°C
+125°C
+25°C
Design & Operating Notes:
1. The ALD2702A/ALD2702B/ALD2702 CMOS operational amplifier
uses a 3 gain stage architecture and an improved frequency
compensation scheme to achieve large voltage gain, high output
driving capability, and better frequency stability. The ALD2702A/
ALD2702B/ALD2702 is internally compensated for unity gain
stability using a novel scheme. This design produces a clean
single pole roll off in the gain characteristics while providing for
more than 70 degrees of phase margin at the unity gain frequency.
A unity gain buffer using the ALD2702A/ALD2702B/ALD2702 will
typically drive 400pF of external load capacitance without stability
problems. In the inverting unity gain configuration, it can drive up
to 800pF of load capacitance.
Compared to other CMOS
operational amplifiers, the ALD2702A/ALD2702B/ALD2702 has
shown itself to be more resistant to parasitic oscillations.
2. The ALD2702A/ALD2702B/ALD2702 has complementary p-channel
and n-channel input differential stages connected in parallel to
accomplish rail-to-rail input common mode voltage range. With the
common mode input voltage close to the power supplies, one of the
two differential stages is switched off internally.
To maintain
compatibility with other operational amplifiers, this switching point
has been selected to be about 1.5V above the negative supply voltage.
As offset voltage trimming on the ALD2702A/ALD2702B/ALD2702
is made when the input voltage is symmetrical to the supply voltages,
this internal switching does not affect a large variety of applications
such as an inverting amplifier or non-inverting amplifier with a gain
greater than 2.5 (5V operation), where the common mode voltage
does not make excursions below this switching point.
3. The input bias and offset currents are essentially input protection diode
reverse bias leakage currents, and are typically less than 1pA at room
temperature. This low input bias current assures that the analog
signal from the source will not be distorted by input bias currents. For
applications where source impedance is very high, it may be necessary
to limit noise and hum pickup through proper shielding.
4. The output stage consists of class AB complementary output drivers,
capable of driving a low resistance load. The output voltage swing is
limited by the drain to source on-resistance of the output transistors
as determined by the bias circuitry, and the value of the load resistor.
When connected in the voltage follower configuration, the oscillation
resistant feature, combined with the rail to rail input and output feature,
makes the ALD2702A/ALD2702B/ALD2702 an effective analog signal
buffer for medium to high source impedance sensors, transducers,
and other circuit networks.
5. The ALD2702A/ALD2702B/ALD2702 operational amplifier has been
designed with static discharge protection. Internally, the design has
been carefully implemented to minimize latch up. However, care must
be exercised when handling the device to avoid strong static fields.
In using the operational amplifier, the user is advised to power up the
circuit before, or simultaneously with, any input voltages applied and
to limit input voltages to not exceed 0.3V of the power supply voltage
levels. Alternatively, a 100KΩ or higher value resistor at the input
terminals will limit input currents to acceptable levels while causing
very small or negligible accuracy effects.


Similar Part No. - ALD2702SAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2702SA ALD-ALD2702SA Datasheet
48Kb / 6P
   DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702SA ALD-ALD2702SA Datasheet
52Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD2702SAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2702 ALD-ALD2702 Datasheet
48Kb / 6P
   DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702A ALD-ALD1702A_10 Datasheet
81Kb / 9P
   5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702A ALD-ALD1702A Datasheet
45Kb / 6P
   5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1702A ADL-ALD1702A Datasheet
81Kb / 9P
   5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD4702A ALD-ALD4702A_V01 Datasheet
86Kb / 9P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
ALD4702 ALD-ALD4702_10 Datasheet
82Kb / 9P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702 ALD-ALD4702 Datasheet
59Kb / 6P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
   Dual Precision, Rail-to-Rail Output Operational Amplifier
REV. 0
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com