Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS465169 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS465169
Description  4 194304 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS465169 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS465169 Datasheet HTML 5Page - Texas Instruments TMS465169 Datasheet HTML 6Page - Texas Instruments TMS465169 Datasheet HTML 7Page - Texas Instruments TMS465169 Datasheet HTML 8Page - Texas Instruments TMS465169 Datasheet HTML 9Page - Texas Instruments TMS465169 Datasheet HTML 10Page - Texas Instruments TMS465169 Datasheet HTML 11Page - Texas Instruments TMS465169 Datasheet HTML 12Page - Texas Instruments TMS465169 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
TMS465169, TMS465169P
4194304 BY 16BIT EXTENDED DATA OUT
DYNAMIC RANDOMACCESS MEMORIES
SMHS566B − JUNE 1997 − REVISED APRIL 1998
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
capacitance over recommended ranges of supply voltage and operating free-air temperature,
f = 1 MHz (see Note 3)
PARAMETER
MIN
MAX
UNIT
Ci(A)
Input capacitance, A0 − A12†
5
pF
Ci(OE)
Input capacitance, OE
7
pF
Ci(RC)
Input capacitance, xCAS and RAS
7
pF
Ci(W)
Input capacitance, W
7
pF
CO
Output capacitance‡
7
pF
† A12 is NC for TMS465169 and TMS465169P.
‡ xCAS and OE = VIH to disable outputs
NOTE 3: VCC = 3.3 V ± 0.3 V, and the bias on pins under test is 0 V.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (see Note 4)
PARAMETER
’465169/P - 50
’465169/P - 60
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tAA
Access time from column address (see Note 5)
25
30
ns
tCAC
Access time from xCAS (see Note 5)
13
15
ns
tCPA
Access time from xCAS precharge (see Note 5)
28
35
ns
tRAC
Access time from RAS (see Note 5)
50
60
ns
tOEA
Access time from OE (see Note 5)
13
15
ns
tCLZ
Delay time, xCAS to output in the low-impedance state
0
0
ns
tOEZ
Output buffer turnoff delay from OE (see Note 6)
3
13
3
15
ns
tREZ
Output buffer turnoff delay from RAS (see Note 6)
3
13
3
15
ns
tCEZ
Output buffer turnoff delay from xCAS (see Note 6)
3
13
3
15
ns
tWEZ
Output buffer turnoff delay from W (see Note 6)
3
13
3
15
ns
NOTES:
4. With ac parameters, it is assumed that tT = 2 ns.
5. Access times are measured with output reference levels of VOH = 2 V and VOL = 0.8 V.
6. The MAX specifications of tREZ , tCEZ , tWEZ and tOEZ are specified when the output is no longer driven. Data-in should not be driven
until one of the applicable maximum specifications is satsified.
EDO timing requirements over recommended ranges of supply voltage and operating free-air
temperature (see Note 4)
’465169/P - 50
’465169/P - 60
UNIT
MIN
MAX
MIN
MAX
UNIT
tHPC
Cycle time, EDO page-mode read or write
20
25
ns
tPRWC
Cycle time, EDO read-write
57
68
ns
tCSH
Delay time, RAS active to xCAS precharge
40
48
ns
tCHO
Hold time, OE from xCAS
5
5
ns
tDOH
Hold time, output from xCAS active
5
5
ns
tCAS
Pulse duration, xCAS active (see Note 7)
8
10 000
10
10 000
ns
tWPE
Pulse duration, W (output disable only)
5
5
ns
tCP
Pulse duration, xCAS precharge
8
10
ns
tOCH
Setup time, OE before xCAS
5
5
ns
tOEP
Precharge time, OE (output disable only)
5
5
ns
NOTES:
4. With ac parameters, it is assumed that tT = 2 ns.
7. In a read-write cycle, tCWD and tCWL must be observed.


Similar Part No. - TMS465169

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS465169P TI-TMS465169P Datasheet
463Kb / 30P
[Old version datasheet]   DYNAMIC RANDOM-ACCESS MEMORIES
More results

Similar Description - TMS465169

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS418169A TI-TMS418169A Datasheet
436Kb / 29P
[Old version datasheet]   1048576 BY 16-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
logo
National Semiconductor ...
TMS416409A NSC-TMS416409A Datasheet
515Kb / 37P
   4194304 BY 4-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
logo
Texas Instruments
TMS464409 TI1-TMS464409 Datasheet
520Kb / 33P
[Old version datasheet]   16 777 216 BY 4-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
TMS417809A TI1-TMS417809A Datasheet
427Kb / 29P
[Old version datasheet]   2097152 BY 8-BIT EXTENDED DATA OUT DYNAMIC RANDOM-ACCESS MEMORIES
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS416400A TI-TMS416400A Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44C256 TI-TMS44C256 Datasheet
705Kb / 32P
[Old version datasheet]   262.144-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
JUNE 1986 - REVISED MAY 1988
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com