Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETEL1200PPB Datasheet(PDF) 11 Page - Texas Instruments

Part # TNETEL1200PPB
Description  EtherLoopE MODEM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETEL1200PPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button TNETEL1200PPB Datasheet HTML 7Page - Texas Instruments TNETEL1200PPB Datasheet HTML 8Page - Texas Instruments TNETEL1200PPB Datasheet HTML 9Page - Texas Instruments TNETEL1200PPB Datasheet HTML 10Page - Texas Instruments TNETEL1200PPB Datasheet HTML 11Page - Texas Instruments TNETEL1200PPB Datasheet HTML 12Page - Texas Instruments TNETEL1200PPB Datasheet HTML 13Page - Texas Instruments TNETEL1200PPB Datasheet HTML 14Page - Texas Instruments TNETEL1200PPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TNETEL1200
EtherLoop
™ MODEM
SPHS003D – FEBRUARY 1999 – REVISED JUNE 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Table 2. Operating Conditions (I/O Terminals) (Continued)
SIGNAL DATA
TERMINAL
NAME
I/O†
HYSTERESIS
5-V
TOLERANT
3.6-V
FAILSAFE
D2A9–D2A0
O
Y
D2ACLK
O
Y
A2D11–A2D0
I
Y
Y
A2DCLK
O
Y
INRANGE
I
Y
Y
† I = input, O = output
CAPTURE BUFFER
TERMINAL NAME
I/O†
HYSTERESIS
5-V
TOLERANT
3.6-V
FAILSAFE
RAMDAT15–RAMDAT0
I/O
Y
N
Y
RAMADDR15–RAMADDR0
O
N
RAMRDN
O
N
RAMOEN
O
N
† I = input, O = output
ANALOG LOOP CONTROL
TERMINAL NAME
TYPE‡
HYSTERESIS
5-V
TOLERANT
3.6-V
FAILSAFE
RXGAIN4–RXGAIN0
O
Y
RXFSEL3–RXFSEL0
O
Y
RXHIGAIN
O
Y
RXLOGAIN
O
Y
PREAMPEM
O
Y
TERMEN
O
Y
TXGAIN3–TXGAIN0
O
Y
TXFSEL3–TXFSEL0
O
Y
RXEN
O
Y
‡ O = output
DEBUG
TERMINAL
NAME
TYPE‡
HYSTERESIS
5-V
TOLERANT
3.6-V
FAILSAFE
I_7–I_0
O
N
Q_7–Q_0
O
N
IQSTB
O
N
‡ O = output


Similar Part No. - TNETEL1200PPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETEL1400 TI-TNETEL1400 Datasheet
195Kb / 15P
[Old version datasheet]   EtherLoopE TRANSCEIVER
TNETEL1400PT TI-TNETEL1400PT Datasheet
195Kb / 15P
[Old version datasheet]   EtherLoopE TRANSCEIVER
More results

Similar Description - TNETEL1200PPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETEL1400 TI-TNETEL1400 Datasheet
195Kb / 15P
[Old version datasheet]   EtherLoopE TRANSCEIVER
logo
PHOENIX CONTACT
2313300 PHOENIX-2313300 Datasheet
148Kb / 9P
   Modem - PSI-MODEM/ETH
09/12/2020
logo
XFMRS Inc.
XFTEL2 XFMRS-XFTEL2_15 Datasheet
37Kb / 1P
   MODEM
logo
PHOENIX CONTACT
2313656 PHOENIX-2313656 Datasheet
291Kb / 7P
   Modem - PSI-MODEM-SHDSL/PB
2313436 PHOENIX-2313436 Datasheet
60Kb / 2P
   Modem - PSI-MODEM-BASIC/USB
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
   Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
2313643 PHOENIX-2313643 Datasheet
261Kb / 18P
   Modem - PSI-MODEM-SHDSL/ETH
09/12/2020
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com