Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1563M Datasheet(PDF) 3 Page - Sony Corporation

Part # CXA1563M
Description  Dolby B-C Type Noise Reduction System with Built-in S type Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1563M Datasheet(HTML) 3 Page - Sony Corporation

  CXA1563M Datasheet HTML 1Page - Sony Corporation CXA1563M Datasheet HTML 2Page - Sony Corporation CXA1563M Datasheet HTML 3Page - Sony Corporation CXA1563M Datasheet HTML 4Page - Sony Corporation CXA1563M Datasheet HTML 5Page - Sony Corporation CXA1563M Datasheet HTML 6Page - Sony Corporation CXA1563M Datasheet HTML 7Page - Sony Corporation CXA1563M Datasheet HTML 8Page - Sony Corporation CXA1563M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
– 3 –
CXA1563M/S
Pin Description and Equivalent Circuit
Pin
No.
Symbol
Z: Imp
VDC (V)
Equivalent circuit
Description
1
IREF
0
VEE + 1.25V
Reference current pin
for setting internal filter
cut-off frequency
VEE + 1.25V
VCC
VEE
3,
26
LINE IN
62K
VCT
Recording input pin
Reference level
= –25dBm
VCC
VCT
VEE
62k
5,
24
MPX OUT
0
VCT
Buffer amplifier output
pin to drive multiplex
filter
Reference level
= –21dBm
VCC
VEE
500
500
8.8k
2,
27
4,
25
PB IN
MPX IN
40K
VCT
Playback input pin
Reference level
= –30dBm
Buffer amplifier input
pin to drive multiplex
filter
Reference level
= –19dBm
VCC
VEE
VCT
40k


Similar Part No. - CXA1563M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXA1563S ETC2-CXA1563S Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CXA1563M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
logo
Panasonic Semiconductor
AN7354SC PANASONIC-AN7354SC Datasheet
122Kb / 12P
   Dolby B/C-type Noise Reduction
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1100P SONY-CXA1100P Datasheet
473Kb / 15P
   DOLBY B TYPE NOISE REDUCTION SYSTEM
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
   Dolby B type Noise Reduction System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com