Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC5404 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPIC5404
Description  H-BRIDGE POWER DMOS ARRAY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC5404 Datasheet(HTML) 4 Page - Texas Instruments

  TPIC5404 Datasheet HTML 1Page - Texas Instruments TPIC5404 Datasheet HTML 2Page - Texas Instruments TPIC5404 Datasheet HTML 3Page - Texas Instruments TPIC5404 Datasheet HTML 4Page - Texas Instruments TPIC5404 Datasheet HTML 5Page - Texas Instruments TPIC5404 Datasheet HTML 6Page - Texas Instruments TPIC5404 Datasheet HTML 7Page - Texas Instruments TPIC5404 Datasheet HTML 8Page - Texas Instruments TPIC5404 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TPIC5404
HBRIDGE POWER DMOS ARRAY
SLIS023B − MARCH 1994 − REVISED SEPTEMBER 1995
2−4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
resistive-load switching characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(on)
Turn-on delay time
32
65
td(off)
Turn-off delay time
VDD = 25 V,
RL = 25 Ω,
tr1 = 10 ns,
40
80
ns
tr2
Rise time
VDD = 25 V,
tf1 = 10 ns,
RL = 25 Ω,
See Figure 2
tr1 = 10 ns,
15
30
ns
tf2
Fall time
tf1 = 10 ns,
See Figure 2
25
50
Qg
Total gate charge
VDS = 48 V,
ID = 1 A,
VGS = 10 V,
6.6
8
Qgs(th) Threshold gate-to-source charge
VDS = 48 V,
See Figure 3
ID = 1 A,
VGS = 10 V,
0.8
1
nC
Qgd
Gate-to-drain charge
See Figure 3
2.6
3.2
nC
LD
Internal drain inductance
5
nH
LS
Internal source inductance
5
nH
Rg
Internal gate resistance
0.25
thermal resistance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJA
Junction-to-ambient thermal resistance
DW package
90
°C/W
RθJA
Junction-to-ambient thermal resistance
NE package
All outputs with equal power,
See Note 4
60
°C/W
RθJP
Junction-to-pin thermal resistance
DW package
All outputs with equal power,
See Note 4
30
°C/W
RθJP
Junction-to-pin thermal resistance
NE package
25
°C/W
NOTE 4: Package mounted on an FR4 printed-circuit board with no heat sink
PARAMETER MEASUREMENT INFORMATION
IRM†
Reverse di/dt = 100 A/
µs
trr(SD)
† IRM = maximum recovery current
25% of IRM†
TJ = 25°C
Time − ns
2
1
0
− 1
− 2
− 3
− 4
0
200
400
600
800
1000
1200
Figure 1. Reverse-Recovery-Current Waveform of Source-to-Drain Diode


Similar Part No. - TPIC5404

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC5401 TI-TPIC5401 Datasheet
212Kb / 12P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401 TI1-TPIC5401 Datasheet
566Kb / 17P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401DW TI1-TPIC5401DW Datasheet
566Kb / 17P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401NE TI1-TPIC5401NE Datasheet
566Kb / 17P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401 TI1-TPIC5401_16 Datasheet
566Kb / 17P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
More results

Similar Description - TPIC5404

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC5401 TI1-TPIC5401_16 Datasheet
566Kb / 17P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5424L TI1-TPIC5424L Datasheet
264Kb / 15P
[Old version datasheet]   H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
TPIC5401 TI-TPIC5401 Datasheet
212Kb / 12P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC1310 TI-TPIC1310 Datasheet
231Kb / 11P
[Old version datasheet]   3-HALF H-BRIDGE GATE PROTECTED POWER DMOS ARRAY
TPIC1301 TI1-TPIC1301 Datasheet
269Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5421L TI1-TPIC5421L Datasheet
299Kb / 16P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC1321L TI1-TPIC1321L Datasheet
273Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5601 TI1-TPIC5601 Datasheet
228Kb / 13P
[Old version datasheet]   3-PHASE BRIDGE POWER DMOS ARRAY
logo
International Rectifier
IR8200B IRF-IR8200B Datasheet
87Kb / 1P
   3A, 55V DMOS H-BRIDGE
logo
Texas Instruments
TPIC5201 TI1-TPIC5201 Datasheet
242Kb / 12P
[Old version datasheet]   DUAL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com