Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM751V-FL Datasheet(PDF) 5 Page - Formosa MS

Part # FM751V-FL
Description  30mA Surface Mount Small Signal Schottky Diode- 40V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM751V-FL Datasheet(HTML) 5 Page - Formosa MS

  FM751V-FL Datasheet HTML 1Page - Formosa MS FM751V-FL Datasheet HTML 2Page - Formosa MS FM751V-FL Datasheet HTML 3Page - Formosa MS FM751V-FL Datasheet HTML 4Page - Formosa MS FM751V-FL Datasheet HTML 5Page - Formosa MS FM751V-FL Datasheet HTML 6Page - Formosa MS FM751V-FL Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 5
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Packing information
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
unit:mm
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
Item
Tolerance
SOD-323FL
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.1
0.1
min
min
0.5
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
0.1
2.0
2.0
1.50
-
178.00
-
62.00
13.00
1.75
3.50
4.00
4.00
2.00
0.23
8.00
11.40
1.46
2.95
1.25
DS-221657
2011/01/07
-
A
7
FM751V-FL
Small Signal Schottky Diode


Similar Part No. - FM751V-FL

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM751V-NL FORMOSA-FM751V-NL Datasheet
469Kb / 7P
   30mA Surface Mount Small Signal Schottky Diode- 40V
More results

Similar Description - FM751V-FL

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM751V-NL FORMOSA-FM751V-NL Datasheet
469Kb / 7P
   30mA Surface Mount Small Signal Schottky Diode- 40V
BAS40WS FORMOSA-BAS40WS_10 Datasheet
169Kb / 7P
   200mA Surface Mount Small Signal Schottky Diode-40V
FM501V-NL FORMOSA-FM501V-NL Datasheet
97Kb / 7P
   100mA Surface Mount Small Signal Schottky Diode-40V
logo
Frontier Electronics.
ASD751V FRONTIER-ASD751V Datasheet
119Kb / 2P
   30mA Advanced Schottky Barrier Diode (Surface mount small signal type)
ASD751V-LFR FRONTIER-ASD751V-LFR Datasheet
119Kb / 2P
   30mA Advanced Schottky Barrier Diode (Surface mount small signal type)
logo
Formosa MS
SD103AWS FORMOSA-SD103AWS_11 Datasheet
90Kb / 7P
   350mA Surface Mount Small Signal Schottky Diode -20V-40v
SD103ATW FORMOSA-SD103ATW_10 Datasheet
95Kb / 7P
   175mA Surface Mount Small Signal Schottky Diode Array-40V
logo
Chip Integration Techno...
RB751V CITC-RB751V Datasheet
160Kb / 3P
   30mA Surface Mount Small Signal Diodes
RB751G CITC-RB751G Datasheet
149Kb / 3P
   30mA Surface Mount Small Signal Diodes
RB751V-40 CITC-RB751V-40 Datasheet
93Kb / 3P
   30mA Surface Mount Small Signal Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com