Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC5421LDW Datasheet(PDF) 3 Page - Texas Instruments

Part # TPIC5421LDW
Description  H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC5421LDW Datasheet(HTML) 3 Page - Texas Instruments

  TPIC5421LDW Datasheet HTML 1Page - Texas Instruments TPIC5421LDW Datasheet HTML 2Page - Texas Instruments TPIC5421LDW Datasheet HTML 3Page - Texas Instruments TPIC5421LDW Datasheet HTML 4Page - Texas Instruments TPIC5421LDW Datasheet HTML 5Page - Texas Instruments TPIC5421LDW Datasheet HTML 6Page - Texas Instruments TPIC5421LDW Datasheet HTML 7Page - Texas Instruments TPIC5421LDW Datasheet HTML 8Page - Texas Instruments TPIC5421LDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TPIC5421L
HBRIDGE GATEPROTECTED LOGICLEVEL
POWER DMOS ARRAY
SLIS027A − OCTOBER 1994 − REVISED OCTOBER 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics, TC = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSX Drain-to-source breakdown voltage
ID = 250 µA,
VGS = 0
60
V
VGS(th)
Gate-to-source threshold voltage
ID = 1 mA,
See Figure 5
VDS = VGS,
1.5
1.85
2.2
V
V(BR)GS
Gate-to-source breakdown voltage
IGS = 250 µA
18
V
V(BR)SG
Source-to-gate breakdown voltage
ISG = 250 µA
9
V
V(BR)
Reverse drain-to-GND breakdown voltage (across
D1, D2)
Drain-to-GND current = 250
µA
100
V
VDS(on)
Drain-to-source on-state voltage
ID = 1 A,
See Notes 2 and 3
VGS = 5 V,
0.4
0.475
V
VF(SD)
Forward on-state voltage, source-to-drain
IS = 1 A,
VGS = 0 (Z1, Z2, Z3, Z4),
See Notes 2 and 3 and Figure 12
0.9
1.1
V
VF
Forward on-state voltage, GND-to-drain
ID = 1 A (D1, D2),
See Notes 2 and 3
4.6
V
IDSS
Zero-gate-voltage drain current
VDS = 48 V,
TC = 25°C
0.05
1
A
IDSS
Zero-gate-voltage drain current
VDS = 48 V,
VGS = 0
TC = 125°C
0.5
10
µA
IGSSF
Forward-gate current, drain short circuited to source
VGS = 15 V,
VDS = 0
20
200
nA
IGSSR
Reverse-gate current, drain short circuited to source
VSG = 5 V,
VDS = 0
10
100
nA
Ilkg
Leakage current, drain-to-GND
VDGND = 48 V
TC = 25°C
0.05
1
A
Ilkg
Leakage current, drain-to-GND
VDGND = 48 V
TC = 125°C
0.5
10
µA
rDS(on)
Static drain-to-source on-state resistance
VGS = 5 V,
ID = 1 A,
TC = 25°C
0.4
0.475
rDS(on)
Static drain-to-source on-state resistance
ID = 1 A,
See Notes 2 and 3
and Figures 6 and 7
TC = 125°C
0.65
0.68
gfs
Forward transconductance
VDS = 15 V,
ID = 0.5 A,
See Notes 2 and 3 and Figure 9
1.25
1.4
S
Ciss
Short-circuit input capacitance, common source
220
275
Coss
Short-circuit output capacitance, common source
VDS = 25 V,
f = 1 MHz,
VGS = 0,
See Figure 11
120
150
pF
Crss
Short-circuit reverse-transfer capacitance,
common source
VDS = 25 V,
f = 1 MHz,
VGS = 0,
See Figure 11
100
125
pF
NOTES:
2. Technique should limit TJ − TC to 10°C maximum.
3. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
source-to-drain and GND-to-drain diode characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Z1 and Z3
55
trr
Reverse-recovery time
I
= 0.5 A,
V
= 48 V,
Z2 and Z4
150
ns
trr
Reverse-recovery time
IS = 0.5 A,
VGS = 0,
VDS = 48 V,
di/dt = 100 A/
µs,
D1 and D2
200
ns
S
VGS = 0,
See Figures 1 and 14
DS
di/dt = 100 A/
µs,
Z1 and Z3
0.06
QRR
Total diode charge
See Figures 1 and 14
Z2 and Z4
0.3
µC
QRR
Total diode charge
D1 and D2
0.7
µC


Similar Part No. - TPIC5421LDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC5423L TI-TPIC5423L Datasheet
199Kb / 11P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5423LDW TI-TPIC5423LDW Datasheet
199Kb / 11P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5424L TI1-TPIC5424L Datasheet
264Kb / 15P
[Old version datasheet]   H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
TPIC5424LDW TI1-TPIC5424LDW Datasheet
264Kb / 15P
[Old version datasheet]   H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
TPIC5424LNE TI1-TPIC5424LNE Datasheet
264Kb / 15P
[Old version datasheet]   H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
More results

Similar Description - TPIC5421LDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC1321L TI1-TPIC1321L Datasheet
273Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5401 TI1-TPIC5401_16 Datasheet
566Kb / 17P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401 TI-TPIC5401 Datasheet
212Kb / 12P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5424L TI1-TPIC5424L Datasheet
264Kb / 15P
[Old version datasheet]   H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
TPIC1310 TI-TPIC1310 Datasheet
231Kb / 11P
[Old version datasheet]   3-HALF H-BRIDGE GATE PROTECTED POWER DMOS ARRAY
TPIC1301 TI1-TPIC1301 Datasheet
269Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5223L TI1-TPIC5223L_11 Datasheet
268Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5223L TI-TPIC5223L Datasheet
285Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5423L TI-TPIC5423L Datasheet
199Kb / 11P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5323L TI1-TPIC5323L Datasheet
251Kb / 13P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com